M5R15ZL-R
AI

## Overview of the M5R15ZL-R
The **M5R15ZL-R** is a specific electronic component, typically categorized as a **Metal Oxide Varistor (MOV)** or a specialized surge protection device, often utilized in power supply circuits to protect against overvoltage transients.
---
### Technical Specifications and Features
Below is a breakdown of the typical electronic characteristics associated with this series of components:
| Feature | Specification / Detail |
| :--- | :--- |
| **Component Type** | Metal Oxide Varistor (MOV) |
| **Disc Diameter** | 15mm (indicated by the "15" in the part number) |
| **Voltage Rating** | Typically associated with 150V - 175V AC applications |
| **Response Time** | Fast (nanosecond range) |
| **Mounting Type** | Through-hole (Radial Leads) |
| **Material** | Zinc Oxide (ZnO) based |
---
### Key Electronic Functions
1. **Overvoltage Protection:** The primary role is to act as a "clamp." When a high-voltage spike (like a lightning strike or power surge) hits the circuit, the resistance of the M5R15ZL-R drops sharply, shunting the excess current away from sensitive components.
2. **Symmetry:** Varistors are bi-directional; they protect against both positive and negative voltage spikes in AC circuits.
3. **Energy Absorption:** The device is rated to absorb a specific amount of Joules. If the surge exceeds this rating, the component may fail physically to protect the rest of the board.
### Typical Applications
* **Switching Power Supplies (SMPS):** Placed at the AC input stage to protect the rectifier and capacitors.
* **Consumer Electronics:** Televisions, computers, and chargers.
* **Industrial Equipment:** Protecting PLC inputs and motor controllers from line noise and surges.
---
### Circuit Symbol and Placement
In a schematic, this component is represented by a symbol similar to two diodes pointing at each other or a resistor with a diagonal line and "V" notation. It is almost always placed **in parallel** with the AC line (Line to Neutral or Line to Ground).
```mermaid
graph LR
Line --- Varistor(M5R15ZL-R)
Varistor --- Neutral
Line --- Load
Neutral --- Load
```
---
- ⤷
What is the maximum surge current rating for the M5R15ZL-R?
- ⤷ How do I identify if this component has failed in a circuit?
- ⤷ What are the differences between a Varistor and a TVS Diode?