Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • M5R16ZP-R

  • AI
    ## M5R16ZP-R Electronic Component Overview The **M5R16ZP-R** is a specific electronic component typically categorized within the **Rotary Encoder** or **Potentiometer** family, often used in consumer electronics for volume control, menu navigation, or parameter adjustment. ### Technical Specifications | Feature | Specification | | :--- | :--- | | **Component Type** | Incremental Rotary Encoder | | **Pulses Per Revolution (PPR)** | Usually 16 or 24 (depending on specific sub-variant) | | **Output Type** | 2-bit Gray Code (A and B signals) | | **Switch Integration** | Momentary Push-button (Tactile) | | **Mounting Type** | Through-hole (PCB) | | **Rotation Angle** | 360° (Continuous) | --- ### Internal Structure and Pinout The device generally features 5 pins: three for the encoder functionality and two for the integrated push-switch. #### 1. Encoder Terminal (3 Pins) * **Terminal A:** Output signal 1. * **Common (C):** Usually connected to Ground (GND). * **Terminal B:** Output signal 2. #### 2. Switch Terminal (2 Pins) * **Push Switch:** Two independent terminals that close a circuit when the shaft is pressed downward. --- ### Operating Principle The M5R16ZP-R works on the principle of **Quadrature Encoding**. As the shaft rotates: 1. Contacts inside the encoder open and close against the common terminal. 2. The output at Pin A and Pin B produces two square waves. 3. By comparing the phase difference between A and B, a microcontroller can determine: * **Direction:** If A leads B, it is clockwise; if B leads A, it is counter-clockwise. * **Speed/Position:** By counting the number of pulses generated. --- ### Common Applications * **Audio Equipment:** Digital volume knobs on amplifiers or car stereos. * **Home Appliances:** Setting timers or temperatures on microwave ovens and washing machines. * **Instrumentation:** Navigating menus on oscilloscopes or multimeters. * **Computer Peripherals:** Scroll wheels or specialized input devices. --- ### Interface Circuit Example To interface this with a microcontroller (like an Arduino), you typically use **Pull-up Resistors** (internal or external) to ensure the signals are high when the contacts are open. ```cpp // Basic Arduino Logic for M5R16ZP-R int pinA = 2; int pinB = 3; void setup() { pinMode(pinA, INPUT_PULLUP); pinMode(pinB, INPUT_PULLUP); } void loop() { // Read states and compare transitions to determine rotation } ```
    ✨ Follow-up Questions
    • ⤷ How do I debounce the signals from an M5R16ZP-R encoder using hardware or software?
    • ⤷ What is the difference between this mechanical encoder and an optical encoder?
    • ⤷ Can you provide a wiring diagram for connecting this to an Arduino?