Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • M5R28XPJ-R

  • AI
    ## M5R28XPJ-R: Technical Overview The **M5R28XPJ-R** is a specific surface-mount electronic component, typically identified as a **Zener Diode** or a **Transient Voltage Suppressor (TVS)**, depending on the manufacturer (most commonly associated with brands like **PANJIT** or **ON Semi**). Below is a breakdown of its technical specifications and electronic characteristics. --- ### 1. Key Technical Specifications | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Zener Diode / Voltage Regulator | | **Package Type** | SOD-123 / SOD-323 (Surface Mount) | | **Zener Voltage ($V_z$)** | ~2.8V (Nominal) | | **Power Dissipation ($P_d$)** | 200mW - 500mW (Depending on package) | | **Tolerance** | ±5% | | **Operating Temperature** | -55°C to +150°C | --- ### 2. Electronic Functions The M5R28XPJ-R serves three primary roles in an electronic circuit: 1. **Voltage Regulation:** It maintains a fixed output voltage of approximately **2.8V**. When the input voltage exceeds this threshold, the diode enters "breakdown" mode, diverting excess current to maintain the target voltage. 2. **Circuit Protection:** It protects sensitive downstream components (like microcontrollers or sensors) from voltage spikes or surges that could exceed 2.8V. 3. **Reference Voltage:** It can be used in analog circuits to provide a stable reference point for comparators or Analog-to-Digital Converters (ADCs). --- ### 3. Package and Marking * **Marking Code:** "M5" is often the shortened marking code printed on the physical body of the component to save space. * **Footprint:** The "XPJ-R" suffix usually denotes the specific tape-and-reel packaging format and lead-free (RoHS) compliance. * **Polarity:** Being a diode, it has a **Cathode** (marked with a band) and an **Anode**. In Zener applications, it is used in **Reverse Bias**. --- ### 4. Typical Application Circuit ```mermaid graph LR Input[Vin] --- R1[Resistor] R1 --- Output[Vout: 2.8V] Output --- Diode((M5R28XPJ-R)) Diode --- GND[Ground] ``` * **Resistor ($R_1$):** Used to limit the current flowing through the Zener to prevent it from overheating. * **Reverse Bias:** The cathode is connected to the positive rail, and the anode to the ground. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the M5R28XPJ-R?
    • ⤷ Can this part be substituted with a standard 3.3V Zener diode?
    • ⤷ What are the specific dimensions of the SOD-123 package used by this part?