Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • M5R63RHJ-R

  • AI
    The **M5R63RHJ-R** is a specific part number typically associated with **Inductors**, specifically high-current power inductors often used in automotive or industrial power management. Below is a detailed breakdown of the electronic specifications and characteristics associated with this component type. --- ## 1. Component Overview The M5R63RHJ-R belongs to a category of surface-mount (SMD) power inductors designed for high-frequency DC-DC converters. ### General Specifications | Feature | Typical Value / Description | | :--- | :--- | | **Component Type** | Fixed Power Inductor | | **Inductance** | 0.63 µH (indicated by 'R63') | | **Tolerance** | Usually ±20% | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Shielding** | Magnetically Shielded (prevents EMI) | --- ## 2. Key Electronic Characteristics ### A. Low DC Resistance (DCR) These parts are designed with a very low DCR to minimize power loss through heat (Joule heating). This is critical for maintaining high efficiency in voltage regulator modules (VRMs). ### B. Saturation Current ($I_{sat}$) The "R" in the suffix often denotes high-reliability or specific saturation curves. The saturation current is the point at which the inductance drops by a specific percentage (usually 20-30%). These parts are engineered to handle high peak currents without the core saturating. ### C. Thermal Performance * **Operating Temperature:** Typically rated from **-40°C to +125°C** (or higher if automotive grade). * **Self-Heating:** The rated current is usually defined by a 40°C temperature rise above ambient. --- ## 3. Application Areas These inductors are commonly found in the following electronic circuits: 1. **Multi-phase Buck Converters:** Used in CPU/GPU power supplies. 2. **Automotive ECU:** Power filtering for engine control units or infotainment systems. 3. **Point of Load (POL) Converters:** Decentralized power management on complex PCBs. 4. **DC-DC Chargers:** High-efficiency battery charging circuits. --- ## 4. Typical Physical Construction | Layer | Material | | :--- | :--- | | **Core Material** | Composite Metal Powder or Ferrite (Carbonyl Iron is common for high current) | | **Wire** | Heavy gauge flat or round copper wire | | **Terminations** | Lead-free (Sn) plated over Nickel/Copper | --- ## 5. Part Number Decoding (Typical) While manufacturers vary, the string "M5R63RHJ-R" generally follows this logic: * **M5:** Series/Size identifier (e.g., 5mm x 5mm footprint). * **R63:** Inductance value ($0.63 \mu H$). * **RHJ:** Specific construction or tolerance code. * **-R:** Usually indicates **RoHS Compliant** and/or **Tape & Reel** packaging.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the M5R63 series?
    • ⤷ How does a shielded inductor differ from an unshielded one in EMI sensitive circuits?
    • ⤷ Can this inductor be used in high-frequency switching above 1MHz?