Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • M5R78RHJ-R

  • AI
    The part number **M5R78RHJ-R** refers to a high-performance **Crystal Oscillator** manufactured by **MtronPTI**. These components are essential in electronic circuits for providing a precise and stable clock signal. --- ## 1. Component Overview The M5R series is a line of 5.0V or 3.3V Surface Mount (SMD) Crystal Oscillators. The "RHJ" suffix denotes specific technical configurations regarding stability, temperature range, and output type. ### Key Specifications | Feature | Specification | | :--- | :--- | | **Package Type** | 9x14 mm J-Lead (SMD) | | **Output Type** | HCMOS / TTL Compatible | | **Supply Voltage ($V_{cc}$)** | Typically 5.0V (Standard) or 3.3V | | **Frequency Range** | 1.000 MHz to 150.000 MHz (Varies by model) | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | | **Packaging** | Tape & Reel ("-R" suffix) | --- ## 2. Technical Characteristics ### A. Frequency Stability This component is designed for precision. It maintains a very tight frequency tolerance (measured in Parts Per Million - PPM) across its specified temperature range, ensuring that digital circuits (like CPUs or FPGAs) remain synchronized. ### B. Output Characteristics * **Drive Capability:** Capable of driving multiple CMOS loads. * **Duty Cycle:** Usually 40/60% or 45/55%, providing a balanced square wave. * **Rise/Fall Time:** Optimized to minimize Electromagnetic Interference (EMI) while maintaining high-speed switching. ### C. Tri-state Functionality Most M5R series oscillators include a "Tri-state" (Enable/Disable) pin. * **High (or open):** The oscillator outputs the clock signal. * **Low:** The output goes into a high-impedance state, reducing power consumption. --- ## 3. Pin Configuration (Typical 4-Pin) | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | E/D or NC | Enable/Disable or No Connect | | 2 | GND | Case Ground | | 3 | Output | Clock Signal Output | | 4 | $V_{cc}$ | Supply Voltage | --- ## 4. Common Applications Due to its rugged J-lead design and stability, the M5R78RHJ-R is commonly found in: * **Telecommunications:** Network switches and routers. * **Industrial Control:** PLCs and automation hardware. * **Data Storage:** Fiber channel and server backplanes. * **Embedded Systems:** High-reliability microcontrollers requiring an external clock. --- ## 5. Decoding the Part Number (M5R78RHJ-R) * **M5R:** Series identifier (MtronPTI 9x14mm J-lead). * **78:** Stability/Voltage code (Specific to MtronPTI's datasheet mapping). * **RHJ:** Temperature range and specific output symmetry requirements. * **-R:** Indicates "Tape and Reel" packaging for automated pick-and-place assembly.
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency of the M5R78RHJ-R variant you are looking for?
    • ⤷ Do you need a datasheet comparison between the 3.3V and 5.0V versions?
    • ⤷ Are you looking for an equivalent cross-reference from another manufacturer like Epson or CTS?