M5RJ76ZQJ-R
AI

The **M5RJ76ZQJ-R** is a specific part number typically associated with **MELF (Metal Electrode Leadless Face)** resistors. These components are surface-mount devices (SMD) characterized by their cylindrical shape, offering superior stability and reliability compared to standard thick-film chip resistors.
---
## 1. Technical Specifications
Based on the standard nomenclature for this series, here are the likely electronic characteristics:
| Property | Description |
| :--- | :--- |
| **Component Type** | Precision MELF Resistor |
| **Package Size** | 0204 (Mini-MELF) or 0207 |
| **Tolerance** | Usually ±0.1% to ±1% (High Precision) |
| **Power Rating** | 0.25W to 0.4W (depending on specific thermal mounting) |
| **Temperature Coefficient** | ±15 ppm/K to ±50 ppm/K |
| **Termination** | Sn (Tin) over Ni (Nickel) barrier |
---
## 2. Key Features
The M5RJ series is designed for high-performance applications where reliability is critical.
* **Pulse Stability:** The cylindrical design allows for better heat dissipation and pulse load capability than flat chip resistors.
* **Low Noise:** Thin-film technology ensures very low current noise and high linearity.
* **Environmental Protection:** Typically coated with a specialized protective lacquer to resist moisture and sulfur.
* **Mechanical Strength:** The MELF structure is less prone to cracking under board flexure compared to ceramic chip resistors.
---
## 3. Physical Construction
The internal and external architecture of the device is structured as follows:
1. **Ceramic Core:** High-grade alumina ceramic providing structural integrity.
2. **Resistive Layer:** A thin-film metal alloy deposited on the core.
3. **End Caps:** Steel caps pressed onto the ends to ensure solid electrical contact.
4. **Helical Grooving:** The resistance value is precisely calibrated by laser-cutting a spiral groove into the resistive layer.
---
## 4. Common Applications
Due to its precision and stability, the M5RJ76ZQJ-R is commonly used in:
* **Automotive Electronics:** Engine control units and braking systems (ABS).
* **Industrial Instrumentation:** Measurement equipment and sensors.
* **Telecommunications:** Base stations and high-frequency signal processing.
* **Medical Equipment:** Monitoring devices requiring long-term accuracy.
---
- ⤷
What are the soldering requirements for MELF packages compared to standard SMD resistors?
- ⤷ How does the power rating of this part change with ambient temperature?
- ⤷ Are there specific alternatives to the M5RJ series for high-vibration environments?