M5TS-24W-R
AI

The **M5TS-24W-R** is a high-performance **Platinum Resistance Temperature Detector (RTD)** sensor manufactured by OMRON. This specific part is designed for industrial applications requiring high precision and stability in temperature measurement.
---
## 1. Technical Specifications
The electrical and physical characteristics of the M5TS-24W-R are summarized in the table below:
| Feature | Specification |
| :--- | :--- |
| **Element Type** | Pt100 (Platinum Resistance) |
| **Wiring Configuration** | 3-wire system (compensates for lead resistance) |
| **Temperature Range** | -50°C to +250°C (Typical) |
| **Class/Accuracy** | Class A (High Precision) |
| **Resistance at 0°C** | 100 $\Omega$ |
| **Protective Tubing** | Stainless Steel (SUS316) |
| **Lead Wire Type** | Vinyl-insulated or Fluororesin-insulated |
---
## 2. Key Electronic Components
### A. The Pt100 Element
The "heart" of the device is a thin-film platinum resistor. Its electrical resistance increases linearly with temperature.
* **Formula:** $R_t = R_0(1 + At + Bt^2)$
* This predictable linear behavior allows electronic controllers (PLCs/PID controllers) to convert resistance into an accurate temperature reading.
### B. 3-Wire Compensation Circuit
The "W" in the part number often signifies the wiring method. The 3-wire setup is an electronic design choice to eliminate errors caused by the electrical resistance of the long lead wires:
1. **Wire 1 & 2:** Connected to one side of the sensor.
2. **Wire 3:** Connected to the other side.
3. **Operation:** The controller measures the resistance of the lead wires themselves and subtracts it from the total measured resistance to provide a "pure" sensor reading.
### C. Insulation and Shielding
* **Dielectric Strength:** Designed to withstand high voltage (usually 500V AC for 1 minute) between the leads and the metal protective tube.
* **Insulation Resistance:** Typically 100 M$\Omega$ or higher, ensuring that electrical noise does not interfere with the low-voltage signal.
---
## 3. Wiring Diagram Logic
To integrate this part into an electronic circuit, the following wiring logic is used:
```text
Controller Terminal M5TS-24W-R Leads
[ A ] ------------------ (Red)
[ B ] ------------------ (White)
[ B'] ------------------ (White)
```
*The two white wires are internally connected at the sensor head to provide the compensation loop.*
---
## 4. Application Use Cases
* **PID Control:** Used with OMRON E5_C series temperature controllers.
* **Food Processing:** Due to the SUS316 stainless steel sheath which is resistant to corrosion.
* **HVAC Systems:** For high-accuracy air or liquid flow temperature monitoring.
- ⤷
What is the difference in accuracy between Class A and Class B for this RTD?
- ⤷ How does a 3-wire RTD circuit compare to a 4-wire circuit in terms of noise rejection?
- ⤷ Which OMRON temperature controllers are most compatible with the M5TS series?