AI

The **M5TS-N3W-R** is a high-performance Digital Temperature Indicator/Controller manufactured by **OMRON**. It is part of the M5T series, designed for industrial applications requiring precise monitoring and compact form factors.
---
## 1. Technical Specifications
The core electronic components and functional ratings of the device are summarized in the table below:
| Feature | Specification |
| :--- | :--- |
| **Input Type** | Thermocouple (K, J, T, E, L, U, N, R, S, B, W, PL II) |
| **Control Method** | ON/OFF or PID Control |
| **Output Type** | Relay Output (SPST-NO, 250 VAC, 3A) |
| **Display** | 4-digit Negative LCD with backlight (Red/Green) |
| **Power Supply** | 100 to 240 VAC, 50/60 Hz |
| **Sampling Period** | 250 ms |
| **Size/Form Factor** | DIN 1/32 (48 x 24 mm) |
---
## 2. Key Electronic Parts & Features
### A. Input Sensing Circuitry
The device features a high-resolution Analog-to-Digital Converter (ADC) that supports multiple thermocouple types. This allows the electronic board to translate microvolt ($\mu V$) signals from sensors into accurate digital temperature readings.
### B. Display and Visual Feedback
* **Dual-Color Display:** The internal electronics drive a specialized LCD that can change colors (Red to Green or vice versa) based on the status of the process value (PV) relative to the set point (SV).
* **Status Indicators:** Includes dedicated LEDs for Output (OUT) and Alarm status.
### C. Output Relays
The "R" in the model suffix signifies a **Relay Output**. This is an electromechanical component (SPST-NO) capable of switching external loads up to 3A. It is typically used to trigger heaters, cooling fans, or safety contactors.
### D. Digital Communication and Programming
* **Front Panel Keys:** Rubberized tactile switches for configuration.
* **Safety Features:** Non-volatile memory (EEPROM) is used to store settings, ensuring parameters are not lost during power outages.
---
## 3. Wiring Configuration
The M5TS-N3W-R utilizes a terminal block on the rear for electrical connections. Below is a typical wiring logic:
```text
Terminal Function
-----------------------
1 - 2 Power Supply (100-240 VAC)
3 - 4 Relay Output (Control)
5 - 6 Alarm Output (Sub-output)
7 - 8 Thermocouple Input (+ / -)
```
---
## 4. Application Use Cases
1. **Plastic Extrusion:** Monitoring barrel temperatures.
2. **Packaging Machinery:** Controlling heat-seal bars.
3. **Lab Equipment:** Maintaining precise environments in small ovens or incubators.
- ⤷
What is the difference between the Relay output and the SSR output version of this model?
- ⤷ How do I configure the input type for a K-type thermocouple?
- ⤷ Does this model support Modbus RS-485 communication?