Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • M60018GFC-R

  • AI
    The **M60018GFC-R** is a specific integrated circuit (IC) part number, typically associated with gate array logic or specialized microcontrollers manufactured by **Renesas Electronics** (formerly Mitsubishi Electric). Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ## 1. Core Specifications The M60018 series generally belongs to the **CMOS Gate Array** family. These chips are designed for high-speed processing with low power consumption, often used in automotive or industrial control systems. | Feature | Description | | :--- | :--- | | **Logic Family** | CMOS (Complementary Metal-Oxide-Semiconductor) | | **Type** | Gate Array / ASIC (Application Specific Integrated Circuit) | | **Manufacturer** | Renesas (Mitsubishi) | | **Package Type** | QFP (Quad Flat Package) | | **Gate Count** | Varies by sub-model, typically in the 10k - 50k range | --- ## 2. Pinout and Hardware Interface The "GFC" suffix usually indicates the physical packaging and thermal rating. ### Key Hardware Attributes: * **High I/O Density:** Designed to interface with multiple sensors and actuators simultaneously. * **Input/Output Levels:** Generally TTL (Transistor-Transistor Logic) compatible. * **Clock Frequency:** Optimized for stable operation in the 10MHz to 50MHz range, depending on the specific application logic programmed into the array. --- ## 3. Package and Environmental Data The suffix **-R** often denotes compliance with environmental standards or a specific reel/packaging format for automated assembly. ### Physical Characteristics: * **Mounting Type:** Surface Mount (SMD). * **Thermal Range:** Industrial grade, often rated for $-40^\circ C$ to $+85^\circ C$. * **Lead Finish:** Usually Matte Tin or Gold, ensuring RoHS compliance. --- ## 4. Typical Applications Because this is a gate array, it acts as the "brain" for specific hardware logic that requires faster execution than a standard general-purpose CPU. 1. **Automotive ECU:** Handling signal processing for engine or transmission control. 2. **Display Controllers:** Managing timing signals for LCD or CRT interfaces. 3. **Industrial Automation:** High-speed I/O processing for PLCs (Programmable Logic Controllers). --- ## 5. Identification Code Breakdown | Segment | Meaning | | :--- | :--- | | **M60018** | Base Series Number (Logic/Gate Array series) | | **GFC** | Package Code (usually refers to Pin count and QFP dimensions) | | **-R** | Tape & Reel packaging or RoHS Compliance indicator | ---
    ✨ Follow-up Questions
    • ⤷ What is the exact pin count for the GFC package style?
    • ⤷ Is there a direct modern replacement for the M60018 series from Renesas?
    • ⤷ Does this IC require a specific programming language like VHDL or Verilog?