M60028GFCK-R
AI

The **M60028GFCK-R** is a specific integrated circuit (IC) part number, typically associated with specialized automotive or industrial microcontrollers, often originating from manufacturers like Renesas or legacy Mitsubishi/NEC lines.
Below is a detailed breakdown of the electronic characteristics and specifications generally associated with this series.
---
## 1. Core Technical Specifications
The "M60028" series usually belongs to a family of 8-bit or 16-bit Microcomputer Units (MCUs).
| Feature | Specification Details |
| :--- | :--- |
| **Architecture** | CISC (Complex Instruction Set Computing) |
| **Bit Width** | 8-bit or 16-bit (depending on specific sub-family) |
| **Package Type** | QFP (Quad Flat Package) or LQFP |
| **Supply Voltage** | Typically 3.0V to 5.5V |
| **I/O Pins** | High-density GPIO configuration |
| **Operating Temp** | -40°C to +85°C (Industrial Grade) |
---
## 2. Key Internal Components
These parts are designed for embedded control where stability and peripheral integration are prioritized.
### Peripheral Set
* **Timers:** Multiple 8-bit and 16-bit timers for PWM (Pulse Width Modulation) and event counting.
* **A/D Converter:** Integrated Analog-to-Digital converter (usually 8-10 bit resolution) for sensor interfacing.
* **Communication Ports:** Supports standard protocols such as UART, I2C, or SPI.
* **Memory Structure:**
* **ROM:** Mask ROM or Flash memory for program storage.
* **RAM:** Internal SRAM for data processing.
---
## 3. Part Number Suffix Breakdown
The suffix **"GFCK-R"** provides specific information regarding the physical and environmental build of the chip:
* **GF:** Usually denotes the specific package geometry (Pin count and pitch).
* **CK:** Relates to the frequency rating or specific temperature tolerance.
* **-R:** Generally indicates **Tape & Reel** packaging for automated SMT (Surface Mount Technology) assembly.
---
## 4. Common Applications
Due to its robust design, this part is frequently found in:
1. **Automotive Body Control:** Power windows, seat adjustments, and lighting modules.
2. **Home Appliances:** Control boards for washing machines or microwave ovens.
3. **Industrial Automation:** Small-scale PLC (Programmable Logic Controller) tasks and motor control.
---
### Design Considerations
> [!WARNING]
> When replacing this part, ensure the "Mask Option" (software pre-programmed at the factory) matches. If this is a Mask ROM version, a blank chip will not function without the specific vendor code.
- ⤷
What is the pin count for the GFCK package variant?
- ⤷ Is there a functional equivalent or modern replacement for the M60028 series?
- ⤷ Does this chip support CAN bus communication for automotive use?