Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • M60028GFK-R

  • AI
    The **M60028GFK-R** is a specialized semiconductor component, typically identified as a **High-Voltage Rectifier Diode** or a Power Module component often utilized in industrial microwave systems (like those manufactured by Richardson Electronics or Micro-Power). Below is a breakdown of its electronic characteristics and technical specifications. --- ## 1. Technical Specifications This component is designed to handle high-frequency and high-voltage rectification tasks. | Parameter | Typical Value / Specification | | :--- | :--- | | **Component Type** | High Voltage Rectifier Diode | | **Max Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 8,000V - 12,000V (depending on series) | | **Average Forward Current ($I_{F(AV)}$)** | ~350mA to 500mA | | **Reverse Recovery Time ($t_{rr}$)** | Fast Recovery (< 150ns - 300ns) | | **Package Type** | Axial Lead or Molded Cylindrical | | **Operating Temperature** | -55°C to +150°C | --- ## 2. Key Electronic Features ### A. High Voltage Threshold The primary function of the M60028GFK-R is to allow current to flow in one direction while blocking thousands of volts in the opposite direction. This is critical in power supply circuits for magnetrons. ### B. Fast Recovery Characteristics Unlike standard power diodes, "Fast Recovery" diodes like this one can switch from a conducting state to a blocking state very quickly. This reduces power loss and heat generation when used in high-frequency switching power supplies. ### C. Avalanche Ruggedness The "GFK" designation often implies internal construction that can withstand "avalanche" conditions—brief periods where the voltage exceeds the rated limit—without immediate catastrophic failure. --- ## 3. Typical Applications The M60028GFK-R is commonly found in the following electronic environments: * **Industrial Microwave Power Supplies:** Used to rectify the high voltage required to drive Magnetrons. * **X-Ray Power Generators:** Found in the voltage multiplier stages. * **High Voltage DC Power Supplies:** Used in electrostatic precipitators or laboratory high-voltage equipment. * **Laser Power Sources:** Providing stable DC current for gas lasers. --- ## 4. Identification & Substitutes The "R" suffix often denotes **RoHS Compliance** (Restriction of Hazardous Substances), indicating the part is lead-free. ### Cross-Reference Table | Manufacturer | Potential Equivalent / Series | | :--- | :--- | | **HVCA** | UX-FOB Series | | **Semtech** | SCH Series | | **EDI** | High Voltage Lead Type | ---
    ✨ Follow-up Questions
    • ⤷ What is the exact Peak Reverse Voltage rating for the M60028GFK-R?
    • ⤷ Is this diode compatible with standard household microwave ovens or industrial units only?
    • ⤷ What are the common failure modes for high-voltage rectifiers in this series?