Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • M60031LFC-R

  • AI
    The **M60031LFC-R** is a specialized semiconductor component, primarily categorized as a **High-Side Power Switch** or an **Intelligent Power Device (IPD)**, typically manufactured by Renesas Electronics. It is designed for automotive and industrial applications where reliability and protection are critical. --- ### 1. Key Technical Specifications The following table outlines the core electrical characteristics and physical attributes of the part: | Parameter | Description | | :--- | :--- | | **Component Type** | High-Side Power Switch / IPD | | **Output Channels** | Single Channel | | **Operating Voltage** | Typically 4.5V to 28V (Automotive Range) | | **Current Rating** | High-current capability (Model specific, often >10A) | | **Package Type** | Surface Mount (LFPAK or similar power package) | | **RoHS Status** | Compliant (indicated by the "-R" suffix) | --- ### 2. Internal Electronic Features This part is not a simple transistor; it is an integrated circuit that includes several protective and diagnostic blocks: 1. **N-Channel MOSFET:** The core switching element, providing low ON-resistance ($R_{DS(on)}$) to minimize power dissipation. 2. **Charge Pump:** Since it is a high-side switch, an internal charge pump raises the gate voltage above the supply rail to fully turn on the N-channel MOSFET. 3. **Protection Circuitry:** * **Overcurrent Protection:** Limits current during a short circuit. * **Thermal Shutdown:** Switches off if the junction temperature exceeds safety limits. * **Overvoltage Protection:** Protects against load dump scenarios in vehicles. 4. **Diagnostic Feedback:** Provides a "Status" or "Current Sense" pin to inform the MCU if a fault (like an open load or short circuit) has occurred. --- ### 3. Pinout Logic and Connection Below is a conceptual representation of how the part is integrated into a circuit: ```mermaid graph LR Input[MCU Control Signal] --> Pin1[IN Pin] VCC[Battery +] --> Pin2[Vcc/Source] Pin3[Out/Drain] --> Load[Motor/Bulb/Solenoid] Load --> GND[Ground] Pin4[Status/Diag] --> MCU[MCU Feedback] ``` ### 4. Common Applications * **Automotive Systems:** Controlling headlamps, seat heaters, and wiper motors. * **Industrial Automation:** Driving solenoids, relays, and high-power DC actuators. * **Power Management:** Acting as a resettable electronic fuse (e-Fuse). ---
    ✨ Follow-up Questions
    • ⤷ What are the specific thermal resistance values for the M60031LFC-R package?
    • ⤷ How does the diagnostic pin signal a short-circuit fault to the microcontroller?
    • ⤷ Is there a direct pin-compatible alternative for this Renesas power switch?