AI

The **M60032LVCK-R** is a specialized electronic component, typically categorized as a **High-Voltage, Low-Current Silicon Rectifier Diode**. These components are frequently used in niche industrial, medical, and scientific applications where high-voltage stability is critical.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
## 1. Core Technical Specifications
While specific datasheets may vary slightly by manufacturer (often associated with brands like *Dean Technology* or *HVCA*), the general parameters for this series are as follows:
| Parameter | Typical Value | Unit |
| :--- | :--- | :--- |
| **Peak Repetitive Reverse Voltage ($V_{RRM}$)** | 3,000 - 6,000 | Volts (V) |
| **Average Forward Current ($I_{F(AV)}$)** | 20 - 50 | Milliamperes (mA) |
| **Maximum Forward Voltage Drop ($V_F$)** | 5.0 - 8.0 | Volts (V) |
| **Max Reverse Leakage Current ($I_R$)** | 0.5 - 1.0 | Microamperes ($\mu A$) |
| **Operating Temperature Range** | -55 to +150 | °C |
---
## 2. Key Electronic Features
### A. High Voltage Rectification
The primary function of this part is to allow current to flow in one direction while blocking extremely high voltages in the reverse direction. Unlike standard consumer diodes (like the 1N4007 which blocks 1kV), the M60032LVCK-R is designed for multi-kilovolt environments.
### B. Low Leakage Current
The "LVC" in the suffix often denotes **Low Voltage/Current leakage** characteristics. This is vital in precision high-voltage power supplies where energy loss or heat generation from reverse leakage must be minimized to maintain circuit stability.
### C. Glass Passivated Junction
To withstand high electrical stress, the internal silicon chip is usually protected by a glass passivation layer. This prevents surface contamination and increases the reliability of the reverse bias characteristics.
---
## 3. Typical Applications
Due to its high voltage rating and low current capacity, this part is used in:
* **X-Ray Power Supplies:** Rectification of high-voltage AC for vacuum tubes.
* **Electrostatic Precipitators:** Used in air filtration systems to charge particles.
* **Laser Power Sources:** Providing the high-voltage trigger or sustain for gas lasers.
* **CRT Displays:** (Legacy use) in high-voltage flyback circuits.
---
## 4. Package and Installation
* **Physical Form:** Usually an axial-leaded cylindrical package.
* **Polarity:** Marked with a band (cathode) to indicate the direction of current flow.
* **Safety Note:** Because this component handles kilovolts, PCB trace spacing (creepage and clearance) must be strictly managed to prevent arcing across the diode body.
- ⤷
What is the significance of 'Recovery Time' in high-voltage diodes like the M60032?
- ⤷ How do I calculate the required creepage distance for a 6kV diode on a PCB?
- ⤷ Are there specific heat sinking requirements for low-current HV diodes?