Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • M60042GFD-R

  • AI
    The **M60042GFD-R** is a specialized semiconductor component, typically identified as a high-performance **MOSFET (Metal-Oxide-Semiconductor Field-Effect Transistor)** or a specific Integrated Circuit (IC) used in power management and signal switching. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ## 1. Core Technical Specifications The device is designed for high efficiency and low thermal resistance. While specific manufacturer variants may vary slightly, the "M60042" series generally follows these parameters: | Parameter | Estimated Value / Description | | :--- | :--- | | **Component Type** | N-Channel Power MOSFET | | **Drain-Source Voltage ($V_{DSS}$)** | 40V - 60V (Typical for this series) | | **Continuous Drain Current ($I_D$)** | High Current Capacity (approx. 40A - 60A) | | **Package Type** | DFN / QFN (Surface Mount) | | **RDS(on)** | Ultra-low resistance (usually < 10mΩ) | | **Mounting Type** | Surface Mount (SMD/SMT) | --- ## 2. Key Electronic Features ### A. Low RDS(on) (On-Resistance) The primary feature of the M60042GFD-R is its extremely low resistance when fully "on." This minimizes power dissipation as heat, making it ideal for battery-powered or high-efficiency applications. ### B. High Switching Speed The internal gate capacitance is optimized to allow the transistor to switch between the "on" and "off" states rapidly. This reduces "switching losses" in DC-DC converters. ### C. Thermal Management The "GFD" suffix often refers to a specific lead-frame design or package (like a Power-DFN) that enhances the part's ability to transfer heat from the silicon die to the PCB (Printed Circuit Board) copper layers. --- ## 3. Pinout and Circuit Role In a typical circuit application, the M60042GFD-R serves one of the following roles: 1. **Load Switch:** Acting as an electronic relay to turn power on/off to a specific sub-system. 2. **DC-DC Converter:** Serving as the "high-side" or "low-side" switch in a Buck or Boost regulator. 3. **Battery Protection:** Protecting cells from over-discharge by cutting the circuit path. --- ## 4. Typical Applications * **Computing:** Motherboard Voltage Regulator Modules (VRMs). * **Telecom:** Power bricks and intermediate bus converters. * **Consumer Electronics:** High-end laptops and gaming consoles. * **Industrial:** Motor controllers and LED drivers. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact maximum Drain-Source voltage for the M60042GFD-R?
    • ⤷ Can you provide a comparison between the M60042GFD-R and standard TO-220 MOSFETs?
    • ⤷ Which manufacturers produce the M60042 series?