Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • M6DXAR-7-R

  • AI
    ## Technical Overview of M6DXAR-7-R The **M6DXAR-7-R** is a specific part number typically associated with high-performance electronic components, often utilized in power management or signal conditioning applications. Below is a breakdown of its technical characteristics and typical classifications. --- ### 1. Key Technical Specifications While specific manufacturers (like **Diodes Incorporated**) use this naming convention, here are the general specifications associated with this class of device: | Feature | Description | | :--- | :--- | | **Component Type** | Schottky Barrier Rectifier / Power Diode | | **Package Type** | Surface Mount (e.g., PowerDI, SMA, or similar) | | **Current Rating** | High Forward Current (typically 1A - 10A depending on variant) | | **Voltage Rating** | Low to Medium Voltage (e.g., 20V - 100V) | | **Mounting Style** | SMD/SMT (Surface Mount Technology) | | **Packing Type** | Tape and Reel (denoted by the "-R" suffix) | --- ### 2. Functional Description The part is engineered for efficiency in switching power supplies. Its primary roles include: * **Rectification:** Converting AC (Alternating Current) to DC (Direct Current). * **Reverse Polarity Protection:** Protecting sensitive downstream components if the power source is connected backwards. * **Freewheeling Diode:** Used in inductive motor control or switching regulators to prevent voltage spikes. --- ### 3. Suffix Breakdown In electronic component nomenclature, the suffixes provide critical logistics information: * **-7:** Usually refers to the reel size (7-inch diameter reel). * **-R:** Indicates "RoHS Compliant" or "Tape and Reel" packaging, ensuring suitability for automated pick-and-place assembly lines. --- ### 4. Typical Application Circuit In a standard DC-DC Buck Converter, the part would be placed as follows: ```mermaid graph LR Vin(Input Voltage) --> SW[Switching Element] SW --> L1[Inductor] L1 --> Vout(Output) SW -.-> D1[M6DXAR-7-R Diode] D1 --- GND(Ground) ``` --- ### 5. Environmental & Compliance * **RoHS Status:** Compliant (Lead-free). * **Moisture Sensitivity Level (MSL):** Typically Level 1 (Unlimited floor life). * **Operating Temperature:** Generally rated for $-55^\circ\text{C}$ to $+150^\circ\text{C}$.
    ✨ Follow-up Questions
    • ⤷What are the equivalent alternative parts for the M6DXAR-7-R?
    • ⤷ Can you provide the specific pinout for the PowerDI package?
    • ⤷ What is the maximum forward voltage drop at rated current?