AI

The **M7R16FCJ-R** is a high-performance **Multi-Chip Package (MCP)** memory module manufactured by **Micron Technology**. It is designed for compact electronic devices that require high-speed data processing and storage in a single, small-form-factor footprint.
Below is a breakdown of its electronic specifications and characteristics.
---
## 1. Technical Architecture
The M7R16FCJ-R is an MCP, meaning it combines two different types of memory technologies into one physical chip to save space on the Printed Circuit Board (PCB).
| Component | Specification |
| :--- | :--- |
| **DRAM Type** | LPDDR4x (Low Power Double Data Rate 4x) |
| **NAND Type** | e.MMC (embedded MultiMediaCard) |
| **DRAM Capacity** | Usually 16Gb (2GB) - *Varies by specific sub-revision* |
| **NAND Capacity** | Usually 128Gb (16GB) or higher |
| **Package Type** | VFBGA (Very Fine Pitch Ball Grid Array) |
| **Lead Status** | Lead-Free / RoHS Compliant |
---
## 2. Key Electronic Features
### LPDDR4x Section
* **Low Voltage:** Operates at a reduced $V_{DDQ}$ (0.6V) compared to standard LPDDR4 (1.1V), significantly reducing power consumption.
* **High Speed:** Supports high clock frequencies for rapid multitasking and OS performance.
* **Data Width:** Optimized for mobile processors with 32-bit or 64-bit interfaces.
### e.MMC Section
* **Integrated Controller:** Includes an internal flash controller that manages Wear Leveling, Error Correction Code (ECC), and Bad Block Management.
* **Interface:** Follows the JEDEC e.MMC standard (likely v5.1), which allows for simplified system design as the CPU doesn't need to manage raw NAND flash.
---
## 3. Physical & Electrical Pinout
Because this is a BGA (Ball Grid Array) component, the "parts" of the chip are connected via a grid of solder balls on the bottom.
* **Power Pins ($V_{CC}$, $V_{CCQ}$):** Dedicated pins for the NAND core and I/O logic.
* **Control Signals:** Includes `Chip Select (CS)`, `Clock (CLK)`, and `Data Strobe (DQS)` for the DRAM portion.
* **Command/Address Bus:** Used by the SoC (System on Chip) to request data from specific memory locations.
---
## 4. Typical Applications
This specific part is engineered for devices where internal space is at a premium:
1. **High-end Smartphones:** Providing the main system RAM and storage.
2. **Tablets:** Serving as the primary boot and execution memory.
3. **IoT Gateways:** For industrial applications requiring rugged, compact storage.
4. **Automotive Infotainment:** Used in dash displays and navigation systems.
---
## 5. Usage Considerations
When integrating the M7R16FCJ-R into a circuit, engineers must account for:
* **Thermal Management:** Being an MCP, it can generate concentrated heat during heavy read/write cycles.
* **Signal Integrity:** Because of the high speeds (LPDDR4x), PCB trace lengths must be matched precisely to prevent data corruption.
- ⤷
What are the specific voltage requirements for the VCC and VCCQ pins on this model?
- ⤷ Which SoC manufacturers (Qualcomm
- ⤷ MediaTek
- ⤷ etc.) are compatible with the M7R16FCJ-R?
- ⤷ What is the maximum operating temperature range for this memory module?