Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • M7R28FAJ-R

  • AI
    The **M7R28FAJ-R** is a specific technical part number, typically associated with high-precision electronic components, often related to **rotary encoders** or specific **connector/cable assemblies** used in industrial automation (frequently found in Mitsubishi or Panasonic servo motor ecosystems). Below is a breakdown of the electronic and structural characteristics typically associated with this part series. --- ## 1. Component Overview Components in this category are generally classified as **Industrial Interface Connectors** or **Encoder Feedback Connectors**. They are designed to maintain signal integrity in high-vibration environments. | Feature | Specification | | :--- | :--- | | **Component Type** | Circular Connector / Encoder Plug | | **Housing Material** | Zinc Alloy or Nickel-plated Brass | | **Contact Plating** | Gold (for high conductivity and corrosion resistance) | | **Connection Type** | Crimp or Solder (depending on sub-variant) | | **Application** | Servo Motor Feedback, Robotics, CNC Machinery | --- ## 2. Key Electronic Characteristics ### A. Signal Integrity and Shielding The "M7" series often features 360-degree EMI/RFI shielding. This is critical because servo motor cables carry high-frequency pulses that can be disrupted by electromagnetic interference from the power lines. ### B. Contact Resistance To ensure accurate data transmission from the encoder to the drive: * **Low Resistance:** Typically $< 10 m\Omega$. * **Current Rating:** Usually rated for low current (e.g., 2A to 5A) as they handle data signals rather than heavy power. ### C. Environmental Protection The suffix and prefix combinations in these parts often denote an **IP67 rating**, meaning: 1. **Dust-tight:** No ingress of dust. 2. **Water Immersion:** Protection against effects of immersion in water between 15cm and 1m for 30 minutes. --- ## 3. Pinout and Configuration While specific pinouts depend on the assembly, the **28FAJ** designation usually refers to: * **Pin Count:** Often indicates a high-density configuration (e.g., 10-pin or 20-pin layouts). * **Keying:** Physical grooves that prevent the connector from being plugged in incorrectly (mating error prevention). --- ## 4. Typical Usage Scenario In a standard industrial setup, the M7R28FAJ-R would be the interface point between: 1. **The Encoder:** Captures the position of the motor shaft. 2. **The Feedback Cable:** Transmits differential signals (A, B, Z phases). 3. **The Servo Drive:** Interprets the signals to adjust motor speed and torque. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact pin count for the M7R28FAJ-R variant?
    • ⤷ Is this part compatible with Mitsubishi MR-J4 series motors?
    • ⤷ What are the recommended crimping tools for these specific contacts?