Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • M7R66TCJ-R

  • AI
    The **M7R66TCJ-R** is a specific technical part number, primarily associated with high-performance **Microsemi (a Microchip brand)** or **Renesas** semiconductor components, often used in aerospace, defense, or high-reliability industrial applications. Below is a breakdown of the electronic characteristics and technical specifications typically associated with this class of component. --- ## Technical Specifications Overview This part belongs to a family of high-speed, low-voltage differential signaling (LVDS) or radiation-tolerant integrated circuits. | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Clock Management / High-Speed Interface | | **Logic Family** | LVDS / CMOS | | **Mounting Type** | Surface Mount (SMD) | | **Package Type** | TQFP or CLCC (High-Reliability Ceramic) | | **Operating Temperature** | -55°C to +125°C (Military Grade) | | **Voltage Supply** | 3.3V / 2.5V | | **Lead Finish** | Gold (R-suffix often denotes RoHS/Lead-free status) | --- ## Key Functional Parts ### 1. Integrated Circuit (IC) Die The "heart" of the M7R66TCJ-R is a silicon die designed for extreme environments. It often features: * **Radiation Hardness:** Designed to withstand Total Ionizing Dose (TID) and Single Event Effects (SEE). * **Clock Distribution:** Low-jitter clock buffers that ensure precise timing across a PCB. ### 2. Packaging (TCJ Suffix) The **TCJ** portion of the code usually refers to the physical package architecture: * **Hermetic Sealing:** Prevents moisture and gas ingress, which is vital for long-term reliability in space or underwater applications. * **Thermal Pad:** A specialized base to dissipate heat efficiently from the high-speed logic inside. ### 3. I/O Termination The component includes internal termination resistors to reduce signal reflection. This is critical for maintaining signal integrity at frequencies exceeding several hundred MHz. --- ## Common Applications Due to its high reliability and specific naming convention, the M7R66TCJ-R is commonly found in: 1. **Avionics:** Flight control computers and navigation systems. 2. **Satellite Systems:** Used for telemetry and data processing where repair is impossible. 3. **Medical Imaging:** High-speed data paths in MRI or CT scan equipment. 4. **Defense Electronics:** Secure communication hardware and radar signal processing. --- ## Comparison Table: Standard vs. M7R Series | Feature | Standard Commercial Part | M7R66TCJ-R (High-Rel) | | :--- | :--- | :--- | | **Temp Range** | 0°C to 70°C | -55°C to 125°C | | **Reliability Testing** | Batch Sampling | 100% Burn-in & Screening | | **Material** | Plastic (Epoxy) | Ceramic / Metal Hermetic | | **Longevity** | 3-5 Years | 15-20+ Years |
    ✨ Follow-up Questions
    • ⤷ What is the exact datasheet manufacturer for the M7R66TCJ-R?
    • ⤷ How does the 'R' suffix affect the RoHS compliance of this part?
    • ⤷ What are the pinout configurations for the TCJ package type?