Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • M7S22FCJ-R

  • AI
    The **M7S22FCJ-R** is a specific part number belonging to a series of high-precision **TCXOs (Temperature Compensated Crystal Oscillators)**, typically manufactured by companies like **NDK (Nihon Dempa Kogyo)** or similar precision timing component manufacturers. These components are critical in telecommunications and navigation hardware where frequency stability is paramount despite temperature fluctuations. --- ## 1. Technical Specifications The part number breakdown reveals specific characteristics of the electronic component: | Feature | Description | | :--- | :--- | | **Component Type** | Temperature Compensated Crystal Oscillator (TCXO) | | **Output Type** | Clipped Sine Wave (typical for M7S series) | | **Package Size** | 7.0 x 5.0 mm (SMD Package) | | **Frequency Range** | Typically ranges between 10 MHz and 52 MHz (Check specific datasheet for the "R" suffix frequency) | | **Supply Voltage** | Usually 2.8V to 3.3V DC | | **Frequency Stability** | ±0.5 ppm to ±2.5 ppm (over temperature range) | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | --- ## 2. Key Internal Electronic Blocks To understand the "parts" inside this component, we look at the internal circuitry: ### A. The Quartz Crystal The heart of the device. It provides the mechanical resonance required to generate a specific frequency. In the M7S series, these are high-Q quartz blanks. ### B. Compensation Network Unlike a standard crystal, the "TC" in TCXO stands for Temperature Compensation. This involves: * **Thermistor/Sensor:** A temperature-sensitive element that detects ambient heat. * **Varactor Diode:** A voltage-variable capacitor that adjusts the load capacitance of the crystal to "pull" the frequency back to its target as temperature changes. ### C. Buffer Amplifier An integrated circuit (IC) that stabilizes the output signal and ensures the oscillator can drive a load (typically 10kΩ // 10pF) without the frequency drifting. --- ## 3. Pin Configuration The M7S22FCJ-R is a 4-pin Surface Mount Device (SMD): | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | Vcont / NC | Voltage Control (for VCTCXO) or No Connection | | **2** | GND | Ground / Case Ground | | **3** | Output | The generated clock signal (Clipped Sine) | | **4** | Vcc | Positive Supply Voltage | --- ## 4. Common Applications Due to its high stability, this part is commonly found in: 1. **GPS/GNSS Receivers:** Ensuring fast "Time to First Fix" (TTFF). 2. **Wireless Base Stations:** Synchronizing data packets in LTE/5G environments. 3. **IoT Gateways:** Maintaining long-term timing accuracy in remote deployments. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a TCXO and a standard Crystal (XTAL)?
    • ⤷ How do I interpret the 'R' suffix in this specific part number?
    • ⤷ What are the soldering precautions for a 7050 size SMD oscillator?