Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • M7S46TCJ-R

  • AI
    The **M7S46TCJ-R** is a specific technical part number, typically associated with high-precision **Quartz Crystal Oscillators**. These components are fundamental in electronics for generating stable clock frequencies required by microprocessors and communication interfaces. --- ### 1. Key Technical Specifications Based on the standard nomenclature for the M7S series (often manufactured by companies like **KDS Daishinku Corp**), here are the typical technical characteristics: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Component Type** | SPXO | Simple Packaged Crystal Oscillator | | **Package Size** | 7.0 x 5.0 mm | Standard SMD (Surface Mount Device) footprint | | **Output Type** | CMOS | Complementary Metal-Oxide-Semiconductor logic | | **Supply Voltage** | 3.3V / 5.0V | Typical operating voltage range | | **Frequency Stability** | ±50ppm to ±100ppm | Variation over temperature/time | | **Termination** | RoHS Compliant | Lead-free construction (indicated by "-R") | --- ### 2. Functional Breakdown #### A. The Quartz Crystal At the heart of the M7S46TCJ-R is a precision-cut quartz wafer. When an electric field is applied, it vibrates at a specific mechanical resonance frequency. This provides the "heartbeat" for the electronic circuit. #### B. Integrated Circuit (IC) Unlike a simple 2-pin crystal, this is an **Oscillator**. It contains an internal IC that: * Provides the oscillation circuitry. * Buffers the output signal to ensure it can drive other components. * Regulates the signal into a clean square wave (CMOS output). #### C. Pin Configuration Typically, these 4-pad SMD devices follow a standard pinout: 1. **Pin 1 (OE/NC):** Output Enable (allows the clock to be turned on/off) or No Connection. 2. **Pin 2 (GND):** Ground connection. 3. **Pin 3 (OUT):** The actual clock signal output. 4. **Pin 4 (Vcc):** DC Power supply. --- ### 3. Common Applications Because of its size and reliability, the M7S series is frequently used in: * **Networking Gear:** Routers, switches, and modems. * **Industrial Control:** PLCs and automation sensors. * **Computing:** Motherboards and peripheral controllers. * **Consumer Electronics:** Digital cameras and audio interfaces. --- ### 4. Identification of the Suffixes * **M7S:** Series designation (7.0 x 5.0 mm size). * **TCJ:** Specific internal coding for frequency stability and temperature range. * **-R:** Generally indicates **RoHS compliance** or **Tape & Reel** packaging for automated assembly.
    ✨ Follow-up Questions
    • ⤷ What is the specific frequency of the M7S46TCJ-R model?
    • ⤷ How does a CMOS output differ from a TTL output in oscillators?
    • ⤷ What are the alternatives to 7.0x5.0mm crystal packages for smaller PCBs?