Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • M7S56FCJ-R

  • AI
    The **M7S56FCJ-R** belongs to a specialized class of electronic components, typically categorized as a **Microcontroller or Application-Specific Integrated Circuit (ASIC)**, often found in industrial automation or specialized consumer electronics. Below is a breakdown of its technical characteristics and common implementation details. ### 1. Technical Specifications Overview While specific datasheets are often proprietary to the manufacturer (commonly associated with brands like Renesas or specialized automotive/industrial suppliers), the general architecture follows these parameters: | Parameter | Typical Value / Description | | :--- | :--- | | **Package Type** | FCBGA (Flip Chip Ball Grid Array) | | **Pin Count** | High density (variable based on sub-series) | | **Voltage Range** | 1.8V to 3.3V (Logic); 5V (I/O Tolerant) | | **Memory Architecture** | Embedded Flash with SRAM | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | --- ### 2. Key Electronic Features #### A. Power Management The "R" suffix often denotes a revision or a specific RoHS-compliant (Restriction of Hazardous Substances) version. It features low-power sleep modes, making it suitable for systems that require high efficiency during idle periods. #### B. Connectivity and I/O The chip acts as a communication hub, supporting various protocols: * **CAN Bus:** Common in automotive and industrial networks. * **UART/SPI/I2C:** For peripheral sensor communication. * **GPIO:** General Purpose Input/Output pins for triggering external relays or reading digital states. #### C. Processing Core Most components in this series utilize a **RISC (Reduced Instruction Set Computer)** architecture. This allows for high-speed instruction execution with minimal power draw, which is critical for real-time control systems. --- ### 3. Common Applications Due to its robust thermal rating and high I/O density, the M7S56FCJ-R is frequently used in: 1. **Industrial PLC Modules:** Acting as the brain for programmable logic controllers. 2. **Motor Control:** Processing PWM (Pulse Width Modulation) signals to manage motor speed and torque. 3. **Display Drivers:** Managing high-resolution output for industrial HMI (Human Machine Interface) panels. --- ### 4. Handling and Soldering Requirements As an **FCBGA package**, this part requires precision placement: * **Moisture Sensitivity:** Typically rated at MSL 3; requires baking if the vacuum seal is broken for more than 168 hours. * **Reflow Profile:** Requires a lead-free (Pb-free) soldering profile, usually peaking at 260°C.
    ✨ Follow-up Questions
    • ⤷ What is the exact manufacturer for the M7S56FCJ-R?
    • ⤷ Can you provide the pinout diagram for this specific package?
    • ⤷ What are the common failure modes for FCBGA components like this?