M7S58FAJ-R
AI

Based on technical specifications for industrial electronic components, the part number **M7S58FAJ-R** refers to a high-performance **Crystal Oscillator** (SPXO - Standard Package Crystal Oscillator). These components are critical for providing stable clock signals in digital circuits.
---
### ## Component Overview: M7S58FAJ-R
The M7S series is generally manufactured by suppliers like **Kyocera** or similar precision timing component specialists. These are surface-mount devices (SMD) designed for high reliability and low jitter.
### ### Technical Specifications
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Component Type** | Clock Oscillator (SPXO) |
| **Output Type** | CMOS / TTL Compatible |
| **Supply Voltage (Vcc)** | 5.0V (Standard for the '5' series designation) |
| **Frequency Range** | Typically 1.5 MHz to 80 MHz (Specific to exact sub-coding) |
| **Frequency Stability** | ±50 ppm or ±100 ppm |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
| **Package Size** | 7.0 x 5.0 mm (4-pad SMD) |
| **RoHS Status** | Compliant (indicated by -R suffix) |
---
### ### Key Features
1. **High Stability:** Designed to maintain frequency precision across a wide temperature range, making it suitable for industrial automation.
2. **Tri-state Function:** Often includes an Enable/Disable function on Pin 1, allowing the output to go into a high-impedance state for power saving or testing.
3. **Low Phase Jitter:** Optimized for high-speed data communication to prevent timing errors.
4. **Durability:** The "AJ" designation often refers to specific aging characteristics and reliability testing standards.
---
### ### Pin Configuration (Standard 7050 Package)
In a typical 4-pin layout for this series:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | INH / NC | Standby / Enable or No Connection |
| **2** | GND | Circuit Ground |
| **3** | Output | Frequency Signal Output |
| **4** | Vcc | Power Supply (+) |
---
### ### Common Applications
* **Networking:** Routers, switches, and modems.
* **Industrial:** Programmable Logic Controllers (PLCs) and HMI panels.
* **Computing:** Embedded systems and server motherboards.
* **Measurement:** Precision testing equipment.
---
- ⤷
What is the exact frequency of the M7S58FAJ-R variant?
- ⤷ Can this oscillator operate at 3.3V instead of 5V?
- ⤷ What are the recommended soldering profiles for this 7050 SMD package?