Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • M7S58FCJ-R

  • AI
    The **M7S58FCJ-R** refers to a specific series of high-performance logic gates, typically associated with the **74VHC family** (Very High-Speed CMOS) or similar proprietary logic series produced by manufacturers like Toshiba. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Component Overview The M7S58FCJ-R is primarily a **Single 2-Input OR Gate**. It is designed for high-speed operation while maintaining low power consumption, making it ideal for mobile devices and portable electronics. | Feature | Specification | | :--- | :--- | | **Logic Type** | OR Gate | | **Logic Family** | VHC (Very High-Speed CMOS) | | **Input Channels** | 2 | | **Output Channels** | 1 | | **Package Type** | SSOP5 / SC-88A (SOT-353) | | **Mounting Type** | Surface Mount (SMD) | --- ### 2. Electrical Characteristics These parameters define the operating limits and performance metrics of the component. | Parameter | Value (Typical) | | :--- | :--- | | **Supply Voltage ($V_{CC}$)** | 2.0V to 5.5V | | **Propagation Delay ($t_{pd}$)** | 3.7 ns (at 5V) | | **Input Voltage ($V_{IN}$)** | 0V to 5.5V | | **Operating Temperature** | -40°C to +85°C | | **Quiescent Current ($I_{CC}$)** | 1 $\mu$A (Maximum) | --- ### 3. Pin Configuration The device typically utilizes a 5-pin configuration (SOT-353/SSOP5). 1. **Pin 1 (In B):** Second Input. 2. **Pin 2 (In A):** First Input. 3. **Pin 3 (GND):** Ground. 4. **Pin 4 (Output Y):** Logic Output. 5. **Pin 5 ($V_{CC}$):** Power Supply. --- ### 4. Key Features & Applications * **High Speed:** Operates at speeds comparable to low-power Schottky TTL. * **Power Protection:** Inputs are tolerant to voltages up to 5.5V, allowing for level shifting from 5V down to 3V. * **Balanced Propagation Delay:** Ensures consistent signal timing across different logic states. **Common Applications:** * **Signal Gating:** Controlling the flow of digital signals. * **Level Shifting:** Interfacing between different voltage domains. * **General Logic:** Simple decision-making circuits in consumer electronics. --- ### 5. Part Number Suffix Breakdown The suffix **-R** usually denotes the packaging format: * **R:** Tape and Reel (Standard for automated pick-and-place assembly).
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative part numbers for the M7S58FCJ-R?
    • ⤷ How does the power consumption change when operating at 3.3V vs 5V?
    • ⤷ What is the specific truth table for this OR gate?