AI

The **M7S61FCJ-R** is a specific part number typically associated with **Electrolytic Capacitors**, specifically those manufactured by **Rubycon**. This part belongs to the **M7 series**, which is known for being a surface-mount (SMD) conductive polymer aluminum solid capacitor or a high-reliability aluminum electrolytic variant.
---
### 1. Key Technical Specifications
Based on the standard nomenclature for this series, here are the general electronic characteristics:
| Parameter | Typical Specification |
|:---|:---|
| **Type** | Aluminum Electrolytic Capacitor (SMD Type) |
| **Series** | M7 Series |
| **Mounting Type** | Surface Mount Device (SMD/Chip) |
| **Voltage Range** | Typically 6.3V to 50V (specific to sub-variants) |
| **Operating Temp** | -55°C to +105°C |
| **RoHS Status** | Compliant (indicated by the 'R' suffix) |
### 2. Breakdown of the Part Number
While internal manufacturer codes can vary slightly, the alphanumeric string generally follows this logic:
* **M7**: Identifies the specific product series (Low profile, high reliability).
* **S**: Often denotes the case size code or height (e.g., 4mm, 5.4mm, or 7mm).
* **61**: Internal manufacturer manufacturing or capacitance code.
* **FCJ**: Tolerance and Dielectric material identifier.
* **R**: Indicates **RoHS compliance** and Lead-Free status.
---
### 3. Applications and Use Cases
These components are designed for high-density surface mounting. Common applications include:
1. **Consumer Electronics:** Motherboards, laptops, and tablets where vertical space is limited.
2. **Power Conversion:** Used for filtering and smoothing in DC-DC converters.
3. **Telecommunications:** Base stations and networking hardware requiring stable capacitance over temperature fluctuations.
4. **Automotive:** Infotainment systems and non-safety critical ECU modules.
### 4. Critical Features
* **Low Profile:** The "M7" series is often selected for its low height, allowing for thinner PCB assemblies.
* **Low ESR:** Provides efficient ripple current handling and minimizes heat generation.
* **Reflow Soldering:** Designed to withstand the high temperatures of lead-free reflow soldering processes.
---
### 5. Identification Table for Variants
If you are sourcing this part, ensure you verify the **Case Size** and **Capacitance Value** as shown below:
| Feature | Importance |
|:---|:---|
| **Capacitance** | Measured in Microfarads (µF); essential for energy storage. |
| **Voltage (WV)** | Working Voltage; must exceed the circuit's peak voltage. |
| **Impedance** | Lower impedance improves performance in high-frequency switching. |
- ⤷What is the exact capacitance and voltage rating for the FCJ variant?
- ⤷ Are there equivalent drop-in replacements from brands like Panasonic or Nichicon?
- ⤷ What are the specific reflow soldering temperature limits for this part?