M7S66TCJ-R
AI

The **M7S66TCJ-R** is a specific part number typically associated with **TDK-Lambda** or similar power supply manufacturers, often representing a component within the **RT Series** or related high-reliability power modules.
Below is the technical breakdown of its electronic characteristics and specifications.
---
## 1. Component Overview
The M7S66TCJ-R is primarily categorized as an **AC-DC Converter / Power Module Component**. It is designed for industrial-grade applications where stability and compact form factors are required.
### Key Specifications
| Feature | Description |
| :--- | :--- |
| **Component Type** | AC-DC Switching Power Supply / Module |
| **Input Voltage Range** | Typically 85 - 265 VAC (Universal Input) |
| **Mounting Type** | Chassis Mount or PCB (depending on housing) |
| **Cooling** | Convection or Forced Air |
| **RoHS Status** | Compliant (indicated by -R suffix) |
---
## 2. Technical Features
These parts are engineered with specific electronic protections to ensure longevity in harsh electrical environments:
* **Overvoltage Protection (OVP):** Automatically shuts down or clamps the output if the voltage exceeds a safe threshold.
* **Overcurrent Protection (OCP):** Limits the current to prevent damage during a short circuit or overload.
* **EMI Filtering:** Integrated circuits to reduce electromagnetic interference, complying with standards like EN55022.
* **Isolation:** High dielectric strength between input and output (typically 3k VAC).
---
## 3. Terminal and Connection Layout
The "TCJ" suffix often denotes a specific terminal configuration.
### Connection Table
| Terminal | Function | Description |
| :--- | :--- | :--- |
| **L / N** | AC Input | Live and Neutral lines for mains power. |
| **FG** | Frame Ground | Safety ground connection to the chassis. |
| **-V** | DC Return | The negative output terminal. |
| **+V** | DC Output | The positive regulated voltage output. |
| **V. ADJ** | Potentiometer | Allows fine-tuning of the output voltage (e.g., ±10%). |
---
## 4. Application Areas
Due to its robust electronic design, the M7S66TCJ-R is commonly found in:
1. **Industrial Automation:** Powering PLCs and sensors.
2. **Telecommunications:** Base station peripheral power.
3. **Test & Measurement:** Providing stable DC rails for lab equipment.
---
- ⤷
What is the exact output voltage and wattage rating for the M7S66TCJ-R?
- ⤷ Are there specific mounting brackets or accessories required for this module?
- ⤷ What is the operating temperature range for this part under full load?