Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • M8870-R3

  • AI
    ## Overview of the M8870-R3 (DTMF Decoder) The **M8870-R3** is a high-performance DTMF (Dual-Tone Multi-Frequency) receiver integrated circuit. It is widely used in telecommunications and remote control systems to translate the audible tones generated by telephone keypads into digital data. --- ### 1. Key Technical Specifications The device integrates a band-split filter and a digital decoder function on a single chip. | Parameter | Specification | |:---|:---| | **Operating Voltage** | 4.75V to 5.25V (Standard 5V) | | **Power Consumption** | Low power consumption (typically 15mW) | | **Input Type** | Single-ended or differential analog input | | **Output Type** | 4-bit CMOS-compatible parallel data | | **Package** | 18-pin DIP or 20-pin SOIC | | **Clock Frequency** | 3.579545 MHz (Standard Color Burst Crystal) | --- ### 2. Functional Components The M8870-R3 consists of several internal sections that process the analog signal: 1. **Input Amplifier**: A high-impedance operational amplifier used for signal conditioning and gain adjustment. 2. **Band-Split Filter**: Uses switched-capacitor technology to separate the low-group (row) frequencies and high-group (column) frequencies. 3. **Digital Decoder**: Measures the frequencies of the separated signals and verifies them against the DTMF standard. 4. **Data Latch/Buffer**: Holds the 4-bit output until the next valid tone is received. --- ### 3. Pin Configuration & Logic The device converts 16 standard DTMF tones into a 4-bit binary output ($Q_1$ to $Q_4$). #### Logic Table Example | Digit | $Q_4$ | $Q_3$ | $Q_2$ | $Q_1$ | |:---:|:---:|:---:|:---:|:---:| | 1 | 0 | 0 | 0 | 1 | | 5 | 0 | 1 | 0 | 1 | | 9 | 1 | 0 | 0 | 1 | | 0 | 1 | 0 | 1 | 0 | #### Critical Control Pins * **PWDN (Power Down)**: A high level on this pin puts the chip into a low-power standby mode. * **StD (Delayed Steering)**: This pin goes high when a valid DTMF tone has been detected and the output latches are updated. * **INH (Inhibit)**: Used to inhibit the detection of "A, B, C, D" tones if necessary. --- ### 4. Typical Application Circuit To use the M8870-R3, you typically need a few external passive components: ```c /* Standard Connection Requirements */ 1. Crystal: 3.579545 MHz connected to OSC1 and OSC2. 2. Capacitors: Two 22pF caps for the crystal; 0.1uF for decoupling. 3. Resistors: Feedback resistors for the input Op-Amp to set gain. ``` --- ### 5. Common Use Cases * **Remote Home Automation**: Controlling appliances via phone calls. * **Interactive Voice Response (IVR)**: Navigating menus during a call. * **Remote Security Systems**: Arming/disarming systems via a keypad. * **Telephone Exchange Equipment**: Signaling and call routing.
    ✨ Follow-up Questions
    • ⤷ How do I calculate the gain for the input amplifier of the M8870?
    • ⤷ What is the difference between the M8870 and the MT8870?
    • ⤷ Can the M8870 be interfaced directly with an Arduino or ESP32?