Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • M8R28FCJ-R

  • AI
    The **M8R28FCJ-R** refers to a specific series of high-performance **Magnetic Random Access Memory (MRAM)** components, typically manufactured by companies like Avalanche Technologies. These chips are designed to provide the speed of SRAM with the non-volatile properties of Flash memory. --- ### 1. Key Technical Specifications Based on the M8R series architecture, the typical technical breakdown for this part is as follows: | Parameter | Specification | | :--- | :--- | | **Memory Type** | STT-MRAM (Spin-Transfer Torque MRAM) | | **Interface** | Serial Peripheral Interface (SPI), Dual SPI, Quad SPI | | **Voltage Supply** | 1.7V to 3.6V (Standard Range) | | **Density** | Varies by sub-model (usually 4Mb to 16Mb for this prefix) | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | | **Endurance** | Unlimited Read/Write cycles | | **Data Retention** | >10 years (typically 20 years at 85°C) | --- ### 2. Functional Features The "FCJ-R" designation usually indicates specific packaging and performance characteristics: * **Non-Volatility:** Unlike RAM, it does not lose data when power is removed. * **High Speed:** It supports high-frequency clock rates (often up to 108MHz), allowing for fast data throughput. * **Byte-level Access:** Unlike Flash memory, which requires erasing sectors before writing, MRAM allows for byte-level random writes, significantly reducing software complexity. * **Low Power:** It consumes significantly less power during write cycles compared to traditional EEPROM or Flash. --- ### 3. Pinout and Internal Logic The electronic internal structure typically follows a standard SPI/QSPI layout: 1. **CS# (Chip Select):** Initiates communication. 2. **SCK (Serial Clock):** Provides timing for data transfer. 3. **DQ0-DQ3 (Data I/O):** Used for single, dual, or quad data transfer modes. 4. **WP# (Write Protect):** Hardware protection for status registers. 5. **HOLD#:** Pauses serial communication without deselecting the device. --- ### 4. Common Applications Due to its reliability and speed, this part is commonly used in: * **Industrial Automation:** Storing real-time configuration data and logs. * **Automotive Systems:** Critical data logging where power loss might occur suddenly. * **Medical Devices:** Reliable storage for patient data and device calibration. * **IoT Edge Devices:** Where low power consumption and high endurance are required.
    ✨ Follow-up Questions
    • ⤷ What are the main advantages of STT-MRAM over traditional NOR Flash memory?
    • ⤷ How does the 'R' suffix in the part number affect the packaging or reel delivery?
    • ⤷ Can M8R series MRAM be used as a direct replacement for SPI EEPROMs?