Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • M8R56TCJ-R

  • AI
    The part number **M8R56TCJ-R** refers to a high-performance **Magnetic Random Access Memory (MRAM)** chip, typically manufactured by Everspin Technologies. This specific component belongs to the 16Mb STT-MRAM (Spin-Transfer Torque) family. --- ### ## 1. Key Specifications The following table outlines the technical parameters of the M8R56TCJ-R: | Parameter | Specification | | :--- | :--- | | **Memory Type** | STT-MRAM (Spin-Transfer Torque) | | **Memory Size** | 16 Megabits (2Mb x 8) | | **Interface** | Quad SPI (Serial Peripheral Interface) | | **Speed** | 108 MHz | | **Voltage Supply** | 1.7V to 1.9V (Core) / 1.7V to 1.9V (I/O) | | **Endurance** | Unlimited Read/Write Cycles | | **Data Retention** | 10 Years @ 85°C | | **Package** | 8-pad DFN (WSON) / 8-pin SOIC | --- ### ## 2. Core Features The M8R56TCJ-R is designed to bridge the gap between SRAM and Flash memory by offering unique characteristics: * **Non-Volatility:** Unlike SRAM, it retains data without power. * **High Endurance:** Unlike NAND Flash or EEPROM, which wear out after a few thousand cycles, MRAM offers virtually unlimited endurance. * **Byte-Addressability:** Data can be written at the byte level without needing a block erase cycle. * **Low Latency:** High-speed Quad SPI interface allows for fast "Instant-On" performance. --- ### ## 3. Internal Architecture (Simplified) Below is a representation of the pinout logic for the 8-pad configuration: ```c M8R56TCJ-R Pinout Logic +---------------------------+ /CS | 1 (Chip Select) 8 (VCC) | Power SO | 2 (Data Out) 7 (HOLD) | Hold/Reset WP | 3 (Write Prot) 6 (SCK) | Serial Clock VSS | 4 (Ground) 5 (SI) | Data In +---------------------------+ ``` --- ### ## 4. Typical Applications Due to its reliability and speed, this part is commonly used in: 1. **Industrial Automation:** Storing critical configuration data and real-time logs. 2. **Enterprise Storage:** Serving as a write buffer or cache for RAID controllers. 3. **IoT Devices:** Low-power data logging where frequent updates are required. 4. **Automotive:** Storing sensor data and calibration tables that must survive power loss.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between STT-MRAM and standard Toggle MRAM?
    • ⤷ Can the M8R56TCJ-R be used as a direct replacement for SPI Flash memory?
    • ⤷ What is the specific temperature range for the 'R' suffix in this part number?