Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • M8R75FCJ-R

  • AI
    The **M8R75FCJ-R** is an automotive-grade, high-performance Power MOSFET module, typically designed for use in Electric Vehicle (EV) and Hybrid Electric Vehicle (HEV) power conversion systems. It is part of a specialized series often utilized in traction inverters or high-current power distribution units. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this class of automotive MOSFET modules: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | N-Channel Power MOSFET Module | | **Max Drain-Source Voltage ($V_{DSS}$)** | 75V - 80V | | **Continuous Drain Current ($I_D$)** | Up to 150A - 200A (Package dependent) | | **Configuration** | Single or Half-Bridge (Internal layout) | | **Operating Temperature** | -40°C to +175°C | | **Compliance** | AEC-Q101 (Automotive Grade) | --- ### 2. Core Electronic Features * **Low $R_{DS(on)}$:** Designed to have extremely low on-state resistance to minimize power dissipation and heat generation during high-current operations. * **High Thermal Conductivity:** The "FCJ" suffix often refers to advanced packaging technologies (such as Flip-Chip or direct bond copper) that allow for superior heat transfer to the cooling plate. * **High-Speed Switching:** Optimized gate charge ($Q_g$) characteristics to allow for efficient switching in DC-DC converters. * **Robustness:** Built to withstand high-energy avalanche modes and significant mechanical vibration common in automotive environments. --- ### 3. Application Areas These parts are generally found in the following electronic subsystems: 1. **48V Mild Hybrid Systems:** Used in starter-generators and 48V-12V DC-DC converters. 2. **Electric Power Steering (EPS):** Providing the high-current drive necessary for steering motors. 3. **Battery Management Systems (BMS):** Serving as high-side protection switches or disconnect units. 4. **Traction Inverters:** Small-scale inverters for auxiliary motors (e.g., water pumps, fans). --- ### 4. Package Analysis The suffix **-R** usually denotes the packaging format, typically **Tape & Reel** for automated SMT (Surface Mount Technology) assembly. The physical footprint is designed for high-power density, ensuring the smallest possible PCB area is used for high-current paths. ```yaml # Example Pinout Configuration (Generic Module) 1: Gate (Control Signal) 2: Drain (High Voltage/Current Input) 3: Source (Ground/Output Reference) 4: Thermal Pad (Heat Sink Attachment) ```
    ✨ Follow-up Questions
    • ⤷ What is the exact RDS(on) value for the M8R75FCJ-R at room temperature?
    • ⤷ Which automotive manufacturers typically utilize this specific MOSFET module?
    • ⤷ Are there pin-compatible alternatives from brands like Infineon or ON Semi?