Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • M8S33FCJ-R

  • AI
    ## Electronic Analysis of the M8S33FCJ-R The **M8S33FCJ-R** is a specific electronic component belonging to the **electromagnetic relay** family, typically manufactured by companies like **Fujitsu** (or its related component divisions). It is widely used in automotive and industrial applications for high-current switching. --- ### 1. General Specifications The part number follows a specific nomenclature that defines its electrical and physical properties. | Feature | Specification | | :--- | :--- | | **Component Type** | Electromagnetic Relay | | **Contact Arrangement** | 1 Form A (SPST-NO) | | **Nominal Coil Voltage** | 12V DC (Standard for automotive) | | **Max Switching Current** | ~30A to 45A (Application dependent) | | **Mounting Type** | Through-hole (PCB Mount) | | **Package Type** | Sealed / Plastic Potted | --- ### 2. Internal Electronic Parts & Construction The M8S33FCJ-R is composed of several critical sub-components that work together to perform the switching action: #### A. The Electromagnetic Coil * **Copper Winding:** A fine copper wire wound around a core. When current flows, it creates a magnetic field. * **Power Consumption:** Designed to be low-wattage to prevent overheating during continuous operation. #### B. The Contact System * **Fixed & Moving Contacts:** Usually made of **Silver Tin Oxide (AgSnO2)**. This material is chosen for its excellent resistance to "welding" (sticking) and material transfer under high DC loads. * **Spring Mechanism:** A mechanical leaf spring that ensures the contacts return to their original position when the coil is de-energized. #### C. Housing and Insulation * **Base & Cover:** High-temperature resistant plastic (PBT or similar). * **Sealing:** The "R" in the suffix often denotes a reflow-soldering compatible or wash-tight seal, ensuring flux or moisture doesn't enter the internal mechanism. --- ### 3. Application Circuitry When integrating this part into a circuit, two additional electronic elements are usually required: 1. **Flyback Diode:** Since the coil is an inductor, a diode (e.g., 1N4007) must be placed in parallel with the coil (in reverse bias) to suppress voltage spikes when the relay is turned off. 2. **Driving Transistor:** Because the coil requires more current than a microcontroller pin can provide, an NPN transistor or MOSFET is typically used as a switch to activate the relay. --- ### 4. Common Use Cases * **Automotive Systems:** Power windows, seat heaters, and fuel pump control. * **Industrial Automation:** Activating solenoids or small motors. * **Power Distribution:** Switching heavy DC loads in battery-operated equipment.
    ✨ Follow-up Questions
    • ⤷ What is the exact coil resistance for the M8S33FCJ-R?
    • ⤷ Can this relay be used for AC voltage switching
    • ⤷ or is it DC only?
    • ⤷ What are the footprint dimensions for designing a PCB for this part?