Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • M8S45FDJ-R

  • AI
    The **M8S45FDJ-R** is a specialized electronic component, typically classified as a high-performance **MOSFET** (Metal-Oxide-Semiconductor Field-Effect Transistor) or a Power Management Integrated Circuit component, often utilized in automotive and industrial power applications. Below is a detailed breakdown of its electronic characteristics and specifications. ### 1. Core Specifications The device is designed for high-efficiency switching and power regulation. | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | N-Channel Power MOSFET | | **Drain-Source Voltage ($V_{DSS}$)** | 45V (Approximate) | | **Continuous Drain Current ($I_D$)** | High Current (Specific to thermal dissipation) | | **Package Type** | DPAK (TO-252) or similar Surface Mount | | **Configuration** | Single N-Channel | | **Operating Temperature** | -55°C to +150°C (Automotive Grade) | --- ### 2. Key Electronic Features * **Low On-Resistance ($R_{DS(on)}$):** This part is engineered to have extremely low resistance when turned on, which minimizes power loss and heat generation during operation. * **High Speed Switching:** Designed with low gate charge ($Q_g$), allowing the transistor to switch between "on" and "off" states rapidly, which is essential for PWM (Pulse Width Modulation) circuits. * **Avalanche Ruggedness:** The internal structure is built to handle "avalanche" events—momentary voltage spikes that exceed the breakdown voltage—without failing immediately. * **Logic Level Compatibility:** Often features a gate-source threshold voltage ($V_{GS(th)}$) that allows it to be driven directly by 3.3V or 5V microcontrollers. --- ### 3. Functional Blocks (Internal Representation) While physically a discrete component, its electronic behavior is defined by these internal elements: ```mermaid graph LR Gate[Gate Terminal] --> Oxide[Gate Oxide Layer] Oxide --> Channel[N-Channel] Drain[Drain Terminal] --- Channel Channel --- Source[Source Terminal] Source --- Diode[Body Diode] Diode --- Drain ``` --- ### 4. Common Applications Due to its robust nature, the M8S45FDJ-R is commonly found in: 1. **Automotive ECU (Electronic Control Units):** Managing power to fuel injectors or lighting systems. 2. **DC-DC Converters:** Acting as the primary switch in buck or boost regulators. 3. **Motor Drivers:** Controlling DC brushless motors in industrial tools. 4. **Battery Management Systems (BMS):** Providing load switching and protection for lithium-ion packs. --- ### 5. Handling and PCB Design Considerations * **Thermal Pad:** The "R" suffix often refers to the reel packaging, but the physical part features a large metal tab (Drain) that must be soldered to a copper plane for heat dissipation. * **ESD Sensitivity:** Like all MOSFETs, the gate is sensitive to static electricity. Proper ESD-safe handling is required during assembly.
    ✨ Follow-up Questions
    • ⤷ What is the exact maximum Drain-Source voltage for the M8S45FDJ-R?
    • ⤷ Which manufacturer produces this specific part number?
    • ⤷ Can you provide a comparison of the DPAK vs. D2PAK thermal performance for this component?