Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • M8S46FCJ-R

  • AI
    The **M8S46FCJ-R** is an automotive-grade, high-performance **Microcontroller (MCU)** manufactured by Renesas Electronics. It belongs to the **RH850/F1x series**, specifically designed for body control applications in vehicles. --- ## 1. Core Technical Specifications The device is built on a 32-bit RISC architecture optimized for low power consumption and high functional safety. | Feature | Specification | | :--- | :--- | | **Architecture** | RH850 (32-bit RISC) | | **Core Frequency** | Typically up to 80 MHz | | **Flash Memory** | 256 KB to 512 KB (Variant dependent) | | **RAM** | ~32 KB to 64 KB | | **Operating Voltage** | 3.0V to 5.5V | | **Package Type** | LQFP (Low Profile Quad Flat Package) | | **Automotive Grade** | AEC-Q100 Qualified | --- ## 2. Key Peripheral Modules The "M8S46" series is known for its robust communication interface suite, essential for modern automotive Electronic Control Units (ECUs). ### Communication Interfaces * **CAN-FD Support:** High-speed Controller Area Network for fast data transmission between ECUs. * **LIN (Local Interconnect Network):** Used for lower-speed body electronics like windows, mirrors, and seats. * **SPI/I2C:** Standard serial interfaces for communication with onboard sensors and EEPROMs. ### Specialized Hardware 1. **ICU-S (Information Security Unit):** Provides hardware-based encryption and secure boot features to prevent hacking of the vehicle's firmware. 2. **ADC (Analog-to-Digital Converter):** High-resolution 10-bit or 12-bit converters for reading sensor data. 3. **Low Power Sampler:** Allows the chip to monitor inputs while in deep sleep mode, significantly saving battery life. --- ## 3. Part Number Decoding (Typical RH850) While specific internal codes vary, the suffix and prefix generally indicate: * **M8S:** RH850 Family identifier. * **46:** Specific Pin-count and Memory configuration code. * **FCJ:** Temperature range and package variant (typically -40°C to +105°C or +125°C). * **-R:** Indicates "Tape and Reel" packaging for automated assembly lines. --- ## 4. Common Applications Due to its reliability and safety features, this part is frequently found in: * **BCM (Body Control Modules):** Controlling lighting, wipers, and central locking. * **Gateway Modules:** Acting as a bridge between different vehicle networks. * **Climate Control Units:** Managing HVAC sensors and actuators.
    ✨ Follow-up Questions
    • ⤷ What are the specific safety certifications (ASIL levels) for the RH850/F1x series?
    • ⤷ How does the ICU-S hardware encryption differ from software-based security?
    • ⤷ What is the maximum operating temperature for the FCJ-R variant?