M9366-RBN3T
AI

The **M9366-RBN3T** is a specific part number typically associated with high-performance **Magnetic Random Access Memory (MRAM)**, often manufactured by companies like Avalanche Technologies. This type of memory is designed to replace traditional SRAM and Flash in applications requiring extreme reliability.
---
### 1. General Specifications
| Feature | Details |
| :--- | :--- |
| **Memory Type** | STT-MRAM (Spin-Transfer Torque MRAM) |
| **Density** | 16Mb (usually associated with this series) |
| **Interface** | SPI / QSPI (Serial Peripheral Interface) |
| **Operating Voltage** | 1.8V or 3.3V (Varies by sub-model) |
| **Temperature Range** | Industrial to Aerospace/Hi-Rel grades |
---
### 2. Core Technologies
The "RBN" suffix often denotes specific characteristics regarding the interface and the physical architecture of the chip.
* **Non-Volatility:** Unlike SRAM, it retains data without power.
* **High Endurance:** It supports virtually unlimited read/write cycles (typically $>10^{14}$ or $10^{16}$ cycles), far exceeding Flash memory.
* **Radiation Hardness:** MRAM is inherently resistant to magnetic fields and radiation, making it ideal for aerospace and defense electronics.
* **Byte-Addressability:** Unlike NAND flash, which requires block erasing, MRAM can be written at the byte level, significantly reducing software overhead.
---
### 3. Pinout and Connectivity
Most MRAM chips in this series utilize a standard 8-pin or 16-pin small outline package (SOIC or WSON).
```cpp
// Example of a typical QSPI initialization for MRAM
void init_mram() {
QSPI_Config.ClockPrescaler = 2;
QSPI_Config.FifoThreshold = 4;
QSPI_Config.SampleShifting = QSPI_SAMPLE_SHIFTING_HALFCYCLE;
// MRAM functions like a very fast, non-volatile SRAM
HAL_QSPI_Init(&hqspi);
}
```
---
### 4. Typical Applications
1. **Aerospace & Defense:** Flight data recorders and satellite control systems.
2. **Industrial Automation:** Real-time data logging where power loss is a risk.
3. **Medical Devices:** Storing critical calibration data and patient logs.
4. **Critical Computing:** Buffering for Enterprise SSDs.
---
- ⤷What is the difference between MRAM and standard Flash memory?
- ⤷ Is the M9366-RBN3T compatible with standard SPI libraries?
- ⤷ What are the power consumption characteristics of this part during a write cycle?