M93C74-RMB3
AI

The **M93C76-RMB3** (often identified within the M93C46/56/66/76/86 family) is a high-reliability, low-voltage serial Electrically Erasable Programmable Read-Only Memory (EEPROM). It is commonly used for parameter storage in automotive and industrial applications.
---
## 1. Core Technical Specifications
The following table summarizes the primary electrical and physical characteristics of the device:
| Feature | Specification |
| :--- | :--- |
| **Memory Size** | 8 Kbit (8,192 bits) |
| **Organization** | Configurable: 1024 x 8-bit or 512 x 16-bit |
| **Interface** | MICROWIRE (3-wire serial interface) |
| **Operating Voltage (Vcc)** | 1.8V to 5.5V |
| **Clock Frequency** | 2 MHz (@ 4.5V - 5.5V) |
| **Endurance** | 4 Million Write Cycles |
| **Data Retention** | 200 Years |
| **Temperature Range** | -40°C to +125°C (Automotive Grade 3) |
---
## 2. Key Features and Pinout
The M93C76-RMB3 utilizes a standard serial interface protocol. Below is the functional description of the pins:
### Pin Functionality
* **S (Chip Select):** Activates the device when held high.
* **D (Serial Data Input):** Receives instructions and data.
* **Q (Serial Data Output):** Outputs data during read operations.
* **C (Serial Clock):** Synchronizes the data transfer.
* **ORG (Organization Select):**
* Connected to $V_{CC}$: Organized as 16-bit words.
* Connected to $V_{SS}$ (GND): Organized as 8-bit bytes.
---
## 3. Part Number Decoding (M93C76-RMB3TG)
Understanding the suffix is critical for procurement and PCB design:
| Suffix | Meaning |
| :--- | :--- |
| **M93C76** | Device Family and Density (8 Kbit) |
| **-R** | Operating Voltage: 1.8V to 5.5V |
| **MN** | Package Type (e.g., SO8) |
| **B** | Process technology (Revision B) |
| **3** | Temperature range: -40 to +125 °C |
---
## 4. Operational Logic
The device supports several standard instructions through the MICROWIRE bus:
1. **READ:** Reads data from memory starting at a selected address.
2. **WEN (Write Enable):** Must be executed before any write or erase instruction to prevent accidental data corruption.
3. **WRITE:** Writes a byte or word to the memory.
4. **READY/BUSY:** During a write cycle, the Data Output (Q) pin can be polled to check if the internal write cycle is complete.
---
## 5. Typical Application Areas
* **Automotive:** Storing odometer data, airbag sensors, and engine control calibrations.
* **Industrial:** Storing MAC addresses for networking or calibration constants for sensors.
* **Consumer:** Storing user preferences in appliances or smart devices.
- ⤷
What are the differences between MICROWIRE and SPI protocols for EEPROMs?
- ⤷ How does the ORG pin hardware configuration affect the address mapping?
- ⤷ Can this EEPROM be used in applications requiring frequent data updates?