Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • M93C86-RMB6P

  • AI
    The **M93C86-RMB6P** is a specific variant of the 16-Kbit serial MICROWIRE EEPROM (Electrically Erasable Programmable Read-Only Memory) manufactured by STMicroelectronics. It is widely used in automotive and industrial applications for non-volatile data storage. --- ## 1. Technical Specifications Below are the primary electrical and physical characteristics of the component: | Feature | Specification | | :--- | :--- | | **Memory Size** | 16 Kbit (2048 x 8 bits or 1024 x 16 bits) | | **Interface** | MICROWIRE (Serial Peripheral Interface variant) | | **Operating Voltage ($V_{CC}$)** | 1.8V to 5.5V | | **Clock Frequency** | 2 MHz (at 5V), 1 MHz (at 1.8V) | | **Package Type** | UFDFPN8 (Ultra-thin Fine pitch Dual Flat No-lead) | | **Temperature Range** | -40°C to +85°C (Industrial Grade 6) | | **Endurance** | 4 Million Write Cycles | | **Data Retention** | 200 Years | --- ## 2. Pin Configuration The device is typically housed in an 8-pin package. The pins function as follows: | Pin Name | Description | | :--- | :--- | | **S (Chip Select)** | Activates the device when held High. | | **D (Serial Data Input)** | Used to transfer opcodes, addresses, and data. | | **Q (Serial Data Output)** | Used to read data out of the memory. | | **C (Serial Clock)** | Synchronizes the communication between host and memory. | | **ORG (Organization)** | Sets the memory to x8 or x16 mode. | | **$V_{SS}$ / $V_{CC}$** | Ground and Power Supply pins. | --- ## 3. Part Number Breakdown: M93C86-RMB6P The suffix provides critical information regarding the specific build and packaging: * **M93C86**: Base part number for the 16-Kbit Microwire EEPROM. * **-R**: Indicates a wide voltage range of **1.8V to 5.5V**. * **MB**: Represents the **UFDFPN8** (MLP8) package (2x3 mm). * **6**: Indicates the operating temperature range of **-40 to +85 °C**. * **P**: Refers to **ECOPACK2** (RoHS compliant, Lead-free, and Halogen-free). --- ## 4. Key Operational Features * **User-Selectable Internal Organization:** By wiring the **ORG** pin to $V_{CC}$ or $V_{SS}$, the user can choose between an 8-bit or 16-bit data structure. * **Self-Timed Programming Cycle:** The device handles the internal erase/write timing automatically, typically completing a write in under 5ms. * **Ready/Busy Status:** During a write cycle, the Data Output (Q) pin can be polled to check if the device has finished its internal operation. * **Sequential Read:** It supports reading consecutive memory addresses without needing to re-send the read command for every word.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between MICROWIRE and SPI interfaces?
    • ⤷ How does the ORG pin affect the addressing of the M93C86?
    • ⤷ Can this EEPROM be used in automotive safety-critical systems?