M95020-RBN6TP
AI

### M95020-RBN6TP: Electronic Specifications and Overview
The **M95020-RBN6TP** is a 2-Kbit serial SPI (Serial Peripheral Interface) EEPROM manufactured by STMicroelectronics. It is commonly used for parameter storage in space-constrained applications.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Memory Size** | 2 Kbit (256 x 8 bits) |
| **Interface** | SPI (Serial Peripheral Interface) |
| **Max Clock Frequency** | 20 MHz |
| **Operating Voltage (Vcc)** | 1.8V to 5.5V |
| **Operating Temperature** | -40°C to +85°C |
| **Package Type** | SOT-23 (5-lead) / MSOP-8 (depending on specific revision) |
| **Endurance** | 4 Million Write Cycles |
| **Data Retention** | 200 Years |
---
### 2. Functional Pins & Architecture
The device operates using a standard 4-wire SPI protocol. Below is the typical pin configuration for the SOT-23 or SO8 variants:
* **S (Chip Select):** Activates the device when pulled low.
* **D (Serial Data Input):** Used to transfer data/commands into the chip.
* **Q (Serial Data Output):** Used to read data out of the chip.
* **C (Serial Clock):** Synchronizes the data transfer.
* **W (Write Control):** Hardware protection to prevent accidental writes.
* **HOLD:** Pauses serial communication without deselecting the device.
---
### 3. Core Features
#### Memory Protection
* **Software Protection:** Block protection bits in the Status Register allow the user to protect 1/4, 1/2, or the entire memory array.
* **Hardware Protection:** The `W` pin can be used to freeze the Status Register, preventing any changes to the protection settings.
#### Write Operations
* **Byte Write:** Updates a single byte.
* **Page Write:** Allows up to 16 bytes to be written in a single cycle, significantly increasing throughput.
* **Self-Timed Cycle:** The chip handles the internal erase/write timing (typically 5ms).
#### Low Power Consumption
Designed for battery-operated devices, it features a low standby current (typically less than 1µA at 1.8V).
---
### 4. Part Number Breakdown: `M95020-RBN6TP`
| Segment | Meaning |
| :--- | :--- |
| **M95** | Family: SPI Serial Access EEPROM |
| **020** | Density: 2 Kbit |
| **-R** | Operating Voltage: 1.8V to 5.5V |
| **BN** | Package: PDIP8 (Note: specific suffixes like 'MN' or 'BN' denote package geometry) |
| **6** | Temperature Range: -40 to 85 °C |
| **TP** | Packing: Tape & Reel |
---
- ⤷
What is the maximum page write time for the M95020-RBN6TP?
- ⤷ How does the HOLD pin function during an active SPI session?
- ⤷ What are the specific power consumption ratings in Active vs. Standby mode?