Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • M95080-R

  • AI
    ## Overview of the M95080-R The **M95080-R** is a specific variant of the 8-Kbit serial SPI (Serial Peripheral Interface) EEPROM (Electrically Erasable Programmable Memory) manufactured primarily by STMicroelectronics. The **"-R"** suffix is a crucial technical indicator, signifying that the device is designed for **Low Voltage** operation ($1.8V$ to $5.5V$). --- ### 1. Key Technical Specifications | Parameter | Value | | :--- | :--- | | **Memory Size** | 8 Kbit (1,024 bytes) | | **Interface** | SPI (Mode 0 and Mode 3) | | **Operating Voltage ($V_{CC}$)** | $1.8V$ to $5.5V$ | | **Clock Frequency** | Up to 5 MHz (at $1.8V$) / 20 MHz (at $4.5V$) | | **Page Size** | 32 Bytes | | **Endurance** | 4 Million Write Cycles | | **Data Retention** | 200 Years | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | --- ### 2. Pinout Configuration Commonly found in **SO8** or **TSSOP8** packages, the pin functions are as follows: 1. **S# (Chip Select):** Activates the device when held low. 2. **Q (Serial Data Output):** Data shifts out on the falling edge of the clock. 3. **W# (Write Protect):** Hardware protection for status registers. 4. **VSS:** Ground. 5. **D (Serial Data Input):** Commands and data are latched on the rising edge of the clock. 6. **C (Serial Clock):** Provides timing for data transfer. 7. **HOLD#:** Pauses serial communication without deselecting the device. 8. **VCC:** Supply Voltage. --- ### 3. Core Electronic Features #### A. Block Protection The memory allows for flexible software protection. Users can protect portions of the memory (Quarter, Half, or Whole) by setting bits in the **Status Register**. This prevents accidental overwriting of critical configuration data. #### B. SPI Protocol Support The M95080-R operates via a standard 4-wire SPI bus. It supports: * **Write Enable (WREN):** A safety instruction required before every Write or Write Status Register cycle. * **Byte/Page Write:** You can write a single byte or a full page (32 bytes) in one cycle ($t_W \approx 5ms$). #### C. Low Power Consumption Designed for battery-operated devices, it features: * **Active Read Current:** < 2 mA. * **Standby Current:** < 1 µA (at $1.8V$). --- ### 4. Typical Application Circuit When integrating the M95080-R, decoupling capacitors are essential for stability. ```cpp // Typical connection to a Microcontroller (MCU) MCU_MOSI -----> Pin 5 (D) MCU_MISO <----- Pin 2 (Q) MCU_SCK -----> Pin 6 (C) MCU_CS -----> Pin 1 (S#) // Hardware Considerations: // 1. Place a 100nF capacitor between VCC and VSS. // 2. Pull-up resistor on S# to prevent accidental writes during power-up. ``` ---
    ✨ Follow-up Questions
    • ⤷What is the difference between M95080-R and M95080-W?
    • ⤷ How do I implement the 'HOLD' function in a circuit?
    • ⤷ What are the specific timing requirements for the Write cycle?