MA07S024XD1R100
AI

The **MA07S024XD1R100** is a specialized high-density electrical connector, typically part of the **MA07 series** manufactured by **JAE (Japan Aviation Electronics)**. These components are primarily used in automotive and industrial applications where space-saving and high reliability are critical.
---
### 1. Key Technical Specifications
Based on the standard nomenclature for the JAE MA07 series, here are the technical characteristics:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Board-to-Cable Connector (Header/Plug) |
| **Number of Contacts** | 24 Pins |
| **Pitch (Spacing)** | 0.64 mm (Standard for high-density automotive) |
| **Mounting Type** | Surface Mount (SMT) / Right Angle |
| **Termination Method** | Solder |
| **Contact Plating** | Tin or Gold (depending on specific R100 sub-batch) |
| **Current Rating** | Generally up to 3A (per contact, depending on wire gauge) |
---
### 2. Physical Construction
The part is engineered to withstand harsh environments. Its construction usually involves:
* **Housing:** High-temperature resistant thermoplastic (LCP - Liquid Crystal Polymer) to survive reflow soldering processes.
* **Contacts:** Copper alloy for high conductivity and durability.
* **Shielding:** Many versions in this series include metal shells for EMI (Electromagnetic Interference) protection.
---
### 3. Application Areas
This specific connector is often found in modern automotive electronics:
1. **ADAS Systems:** Connecting cameras, radar modules, and sensors to the central processing unit.
2. **Infotainment:** High-speed data transmission for displays and head units.
3. **BMS (Battery Management Systems):** Signal routing between cell monitoring boards.
4. **Industrial Robotics:** Miniature control boards requiring vibration-resistant connections.
---
### 4. Key Advantages
* **Vibration Resistance:** Features a mechanical locking mechanism to prevent accidental disconnection in moving vehicles.
* **Compact Footprint:** The 0.64mm pitch allows for a significant reduction in PCB real estate compared to standard 2.54mm or 1.25mm connectors.
* **Automated Assembly:** Designed for pick-and-place machines with tape-and-reel packaging (often indicated by the "R100" suffix in JAE parts).
---
- ⤷
What is the mating connector part number for the MA07S024XD1R100?
- ⤷ What are the specific soldering temperature profiles recommended for this SMT connector?
- ⤷ Does this connector support high-speed data protocols like LVDS or Ethernet?