MA07S024XD4R100
AI

The **MA07S024XD4R100** is a specialized high-performance connector typically used in automotive, industrial, or high-speed data transmission environments. It belongs to the **MA07 Series** produced by **JAE (Japan Aviation Electronics)**.
Below is a detailed breakdown of its electronic and mechanical specifications.
---
### 1. Technical Specifications Table
| Feature | Description |
| :--- | :--- |
| **Series** | MA07 (High-speed Transmission Automotive Connector) |
| **Number of Positions** | 24 Pins |
| **Connector Type** | Socket (Receptacle) |
| **Mounting Type** | Surface Mount (SMT) / Right Angle |
| **Pitch** | Typically 0.5mm to 0.8mm (Series dependent) |
| **Data Rate Support** | Optimized for high-speed differential signaling (LVDS/GVIF) |
| **Shielding** | Full metal EMI/EMC shielding shell |
| **Operating Temperature** | -40°C to +105°C (Automotive Grade) |
---
### 2. Key Electronic Characteristics
#### A. High-Speed Signal Integrity
This part is designed specifically to handle high-frequency signals with minimal crosstalk and impedance mismatch. It is often used for:
* **LVDS (Low-Voltage Differential Signaling):** Used in vehicle displays.
* **USB/Ethernet Protocols:** Handling high-speed data streams in infotainment systems.
#### B. EMI/EMC Protection
The "XD4" in the part numbering often refers to a specific configuration of the metal shell. This shell provides a robust ground path to prevent electromagnetic interference (EMI), which is critical in modern vehicles where many wireless signals coexist.
#### C. Power and Grounding
While primarily for data, the 24-pin configuration allows for several pins to be dedicated to power delivery and ground planes, ensuring stable voltage for the connected module (e.g., a camera or a display panel).
---
### 3. Application Areas
Because of its "R100" (Reel packaging) and "MA07" series designation, this part is found in:
1. **Automotive Infotainment:** Connection between the Head Unit and the Digital Instrument Cluster.
2. **ADAS Systems:** Connecting high-resolution cameras to the processing ECU.
3. **Navigation Systems:** Reliable data transfer in high-vibration environments.
---
### 4. Part Number Breakdown (Naming Convention)
* **MA07:** Series name (Automotive High-Speed).
* **S:** Socket (Female connector).
* **024:** 24 Contacts/Pins.
* **XD4:** Specific modification code (Internal design/Shell variation).
* **R100:** Packaging suffix (usually indicates 100 units per reel or a specific reel size).
---
- ⤷
What are the compatible plug (male) part numbers for the MA07 series?
- ⤷ Does this connector support the LVDS or GMSL2 communication standards?
- ⤷ What is the specific PCB footprint dimensions for this 24-pin connector?