Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • MA11TAA-R

  • AI
    ## Detailed Technical Overview: MA11TAA-R The **MA11TAA-R** is an electronic component manufactured by **Macronix**. It is specifically a **Serial NAND Flash Memory** chip. This part is designed for high-performance storage in embedded systems where space is limited but high reliability and fast data transfer are required. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Memory Type** | Serial NAND Flash | | **Capacity** | 1 Gb (Gigabit) | | **Interface** | SPI (Single/Dual/Quad I/O) | | **Operating Voltage** | 2.7V - 3.6V (Standard 3.3V) | | **Clock Frequency** | Up to 104 MHz | | **Package Type** | 8-WSON (6x8mm) | | **Temperature Range** | Industrial (-40°C to +85°C) | --- ### 2. Core Functional Components The internal architecture of the MA11TAA-R consists of several critical electronic sub-systems: * **Memory Array:** Organized into blocks and pages. Unlike NOR flash, NAND flash is denser and more cost-effective for large data storage. * **Internal ECC (Error Correction Code):** This chip features an **on-die ECC engine**. It automatically detects and corrects bit flips during read operations, significantly increasing the lifespan and reliability of the data. * **SPI Controller:** Manages the communication protocols. It supports **Quad SPI**, which allows the chip to transfer data using four data lines simultaneously, effectively quadrupling the throughput compared to standard SPI. * **Charge Pump:** An internal circuit that generates the high voltages required for programming (writing) and erasing data cells. --- ### 3. Pin Configuration (8-WSON) | Pin | Name | Description | | :--- | :--- | :--- | | 1 | **CS#** | Chip Select (Active Low) | | 2 | **SO/SIO1** | Serial Data Output / Shared I/O 1 | | 3 | **WP#/SIO2** | Write Protect / Shared I/O 2 | | 4 | **VSS** | Ground | | 5 | **SI/SIO0** | Serial Data Input / Shared I/O 0 | | 6 | **SCLK** | Serial Clock | | 7 | **HOLD#/SIO3** | Hold / Shared I/O 3 | | 8 | **VCC** | Power Supply | --- ### 4. Applications Due to its high density and small footprint, the MA11TAA-R is commonly found in: * **IoT Devices:** Storing firmware and logs. * **Automotive:** Infotainment systems and dashboard controllers. * **Networking:** Routers, switches, and gateway configurations. * **Wearables:** Smartwatches and health trackers requiring low power consumption. --- ### 5. Implementation Example (Pseudo-Code) To interface with the chip using an SPI controller, a basic read sequence would look like this: ```c // Example: Sending a Read Command to MA11TAA-R void read_flash_page(uint32_t address) { CS_LOW(); // Select the chip SPI_Transfer(0x13); // Opcode for "Read Page to Cache" SPI_Transfer(address >> 16); // Send address bytes SPI_Transfer(address >> 8); SPI_Transfer(address & 0xFF); CS_HIGH(); // Deselect to trigger internal read // Wait for OIP (Operation In Progress) bit in Status Register to clear... } ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between this Serial NAND and standard Parallel NAND?
    • ⤷ Does the MA11TAA-R support hardware write protection?
    • ⤷ How many program/erase cycles is this chip rated for?