Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • MA11TCG-R

  • AI
    The **MA11TCG-R** is a specific electronic component, typically part of the **MA series** of high-power, precision RF capacitors or specialized connectors, often manufactured by companies like **Knowles (Voltronics)** or related RF component specialists. Based on standard industry nomenclature for this part number, here is the technical breakdown: --- ## Technical Specifications & Characteristics | Feature | Specification Details | | :--- | :--- | | **Component Type** | Fixed Chip Capacitor / RF Microwave Capacitor | | **Dielectric Material** | High-Q Ceramic (typically Porcelain) | | **Capacitance Value** | 1.1 pF (indicated by "11") | | **Tolerance** | ±0.25 pF (indicated by "C") | | **Voltage Rating** | High Voltage (typically 50V to 300V depending on series) | | **Termination** | Gold over Nickel (indicated by "G") | | **Packaging** | Tape and Reel (indicated by "-R") | --- ## Key Design Elements ### 1. High-Q Factor The "MA" series is designed for **High-Q** performance, meaning it has extremely low ESR (Equivalent Series Resistance). This is critical for RF applications to prevent signal loss and heat buildup at high frequencies. ### 2. Physical Construction * **Size:** Usually fits a standard SMD (Surface Mount Device) footprint (e.g., 0805 or 1111 case size). * **Stability:** The ceramic dielectric provides excellent temperature stability (NPO/COG characteristic), ensuring the capacitance remains constant despite temperature fluctuations. ### 3. Applications These parts are typically found in: * **MRI Coils:** High-power medical imaging equipment. * **RF Power Amplifiers:** Used in base stations and telecommunications. * **Antenna Tuning:** For precision matching circuits. * **Satellite Communications:** Where low noise and high reliability are mandatory. --- ## Part Number Breakdown (Decoded) | Prefix (MA) | Value (11) | Tolerance (C) | Finish (G) | Packaging (-R) | | :--- | :--- | :--- | :--- | :--- | | Series Identifier | 1.1 Picofarads | ±0.25 pF | Gold Plated | Tape & Reel | ---
    ✨ Follow-up Questions
    • ⤷ What are the specific voltage limits for the MA11TCG-R?
    • ⤷ How does the gold finish impact soldering versus tin-lead finishes?
    • ⤷ Can this part be substituted with a standard COG capacitor?