Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • MA16TAX-R

  • AI
    The **MA16TAX-R** is a specific high-performance, ultra-low profile connector, typically manufactured by **Hirose Electric**. It is part of the MA16 series, which is designed for high-density electronic packaging, often found in mobile devices, medical equipment, and precision instruments. --- ### 1. Key Technical Specifications Below are the general characteristics of the MA16 series connectors: | Feature | Specification | | :--- | :--- | | **Type** | Board-to-Board / Board-to-FPC Connector | | **Pitch** | 0.4 mm to 0.5 mm (Series dependent) | | **Mounting Type** | Surface Mount (SMT) | | **Plating** | Gold (for high conductivity and oxidation resistance) | | **Gender** | Receptacle (the "-R" suffix indicates Receptacle) | | **Termination** | Solder | --- ### 2. Physical Design & Composition The MA16TAX-R is engineered for miniaturization without sacrificing mechanical strength. * **Contacts:** Made of copper alloy with gold plating over nickel. This ensures low contact resistance and longevity over multiple mating cycles. * **Insulator:** High-temperature thermoplastic (usually LCP - Liquid Crystal Polymer) to withstand lead-free reflow soldering processes. * **Alignment:** Features a "self-alignment" mechanism or guidance ribs to prevent mis-mating in tight assemblies. * **Shielding:** Often includes metal reinforcement tabs (solder tabs) on the sides to increase the "peel-off" strength from the PCB. --- ### 3. Common Applications Due to its small footprint and reliable connection, this part is commonly used in: 1. **Smartphones/Tablets:** Connecting the main PCB to sub-boards (charging ports, speaker modules). 2. **Wearables:** Smartwatches and fitness trackers where internal space is extremely limited. 3. **Displays:** Connecting LCD/OLED drivers to the logic board. 4. **Cameras:** Internal signal routing for image sensors. --- ### 4. Technical Considerations for Assembly When integrating the MA16TAX-R into a design, engineers must consider: ```yaml Design_Checklist: - Stencil_Thickness: Ensure the solder paste thickness matches the ultra-fine pitch to avoid bridging. - Solder_Joint_Inspection: Automatic Optical Inspection (AOI) is recommended due to the small size. - Mating_Force: These connectors have low insertion force but high retention force to prevent accidental disconnection. - Coplanarity: The leads must maintain a high degree of flatness (usually within 0.08mm) for successful SMT. ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the MA16 series connectors?
    • ⤷ Does the MA16TAX-R have a corresponding Plug (Header) part number?
    • ⤷ What are the recommended storage conditions for Hirose SMT connectors?