MA62FCA-R
AI

The **MA62FCA-R** is an electronic component primarily classified as a **High-Frequency Connector** or **Coaxial Interconnect**, typically manufactured by companies like **Hirose Electric** or similar precision hardware specialists. It is commonly used in high-speed data transmission and telecommunications.
### 1. General Specifications
Below is a summary of the technical characteristics often associated with this part series:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Coaxial Connector / RF Switch |
| **Mounting Type** | Surface Mount (SMT) |
| **Frequency Range** | DC to 6 GHz (Typical) |
| **Impedance** | 50 Ohms |
| **Mating Cycles** | ~100 to 500 cycles |
| **Voltage Rating** | 60V AC/DC |
---
### 2. Key Internal Components
The MA62FCA-R consists of several critical layers and materials:
1. **Contact Pin (Center Conductor):** Usually made of **Phosphor Bronze** with **Gold Plating**. Gold is used to ensure low contact resistance and prevent oxidation over long periods.
2. **Insulator:** A high-performance plastic (often **LCP - Liquid Crystal Polymer**) that maintains a stable dielectric constant even at high frequencies.
3. **Outer Shell (Grounding):** A stainless steel or copper alloy shell that provides electromagnetic interference (EMI) shielding and structural integrity.
4. **Solder Pads:** Lead-free (RoHS compliant) plating, designed for automated Pick-and-Place SMT assembly lines.
---
### 3. Application Areas
Because of its small footprint and high-frequency capabilities, the MA62FCA-R is used in:
* **Mobile Devices:** Internal antenna connections for 4G/5G modules and Wi-Fi.
* **IoT Hardware:** Connecting external antennas to compact PCB boards.
* **Testing:** Used as a test point for RF signal verification during the manufacturing process.
---
### 4. Handling and Design Considerations
When integrating the MA62FCA-R into a circuit design, engineers must follow specific guidelines:
```markdown
1. Trace Impedance: Ensure the PCB transmission line is calculated to 50 Ohms.
2. Reflow Profile: Follow the manufacturer's thermal profile to avoid melting the LCP insulator.
3. Keep-out Zone: Maintain a clear area around the connector to prevent signal interference from power planes.
```
---
- ⤷What is the typical insertion loss for the MA62FCA-R at 6 GHz?
- ⤷ Is the MA62FCA-R compatible with standard U.FL cable assemblies?
- ⤷ What are the recommended reflow soldering temperatures for this part?