Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • MAH12FCX-R

  • AI
    Based on the model number **MAH12FCX-R**, this typically refers to an **Indoor Air Handler unit** for a Mini-Split Air Conditioning system (often associated with brands like Midea, Air Con, or similar OEM manufacturers). Below is an explanation of the core electronic components found within this type of unit. --- ### 1. Main Control Board (PCB) The "brain" of the unit. It coordinates communication between the indoor unit and the outdoor condenser. * **Microcontroller:** Processes signals from the remote control and temperature sensors. * **Relays:** Switches power to the fan motor and the communication line to the outdoor unit. * **Step-Down Transformer:** Converts high voltage (typically 230V) to low voltage (12V or 5V DC) to power the electronics. ### 2. Fan Motor Components The MAH12FCX-R uses a blower to circulate air. * **Indoor Fan Motor:** Depending on the specific revision, this is either a Multi-Tap AC motor or a Brushless DC (BLDC) motor. * **Run Capacitor:** (If AC motor) Provides the necessary phase shift to start and run the fan. * **Hall Effect Sensor:** Integrated into the motor to provide RPM feedback to the PCB, ensuring the fan is spinning at the requested speed. ### 3. Sensor Array (Thermistors) These provide data for the automated cooling/heating logic. | Sensor Type | Function | | :--- | :--- | | **Ambient Temp Sensor** | Measures the return air temperature to determine if the setpoint is met. | | **Pipe/Coil Temp Sensor** | Monitors the evaporator coil temperature to prevent icing or overheating. | ### 4. Display and Receiver Module A small secondary PCB located behind the front plastic panel. * **IR Receiver:** Captures signals from the wireless remote control. * **LED/LCD Display:** Shows the current temperature, mode (Cool/Heat/Dry), and error codes (e.g., E1, F1). ### 5. Stepper Motors Small motors responsible for moving the **Louver (Flaps)**. * They allow for "Swing" functionality or fixed positioning of air airflow. * They operate on low-voltage DC pulses for precise positioning. ### 6. Terminal Block The physical connection point where the electrical wiring enters the unit. * **L1/L2 (or N):** Main power supply. * **S (Signal):** The communication wire that sends data packets between the indoor and outdoor logic boards. --- ### Technical Specifications Overview | Component | Common Specification | | :--- | :--- | | **Voltage** | 208-230V AC | | **Phase** | Single Phase (60Hz) | | **Communication** | Pulse Width Modulation (PWM) or Serial | | **Fuse** | Typically 3.15A or 5A on the PCB | ---
    ✨ Follow-up Questions
    • ⤷ How do I troubleshoot an E1 error code on this specific board?
    • ⤷ What is the resistance value (kOhms) for the temperature sensors at room temperature?
    • ⤷ Can the AC fan motor be replaced with a DC version if the PCB supports it?