Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • MAH14TAD-R

  • AI
    The **MAH14TAD-R** is a high-performance, non-isolated DC-DC converter module, typically classified as a Point-of-Load (PoL) regulator. These components are designed to step down voltage with high efficiency for sensitive electronic components like FPGAs, ASICs, and microprocessors. --- ### ## Technical Specifications The following table outlines the primary electrical characteristics of the MAH14TAD-R series: | Parameter | Value / Range | | :--- | :--- | | **Input Voltage Range** | 10V to 14V DC | | **Output Voltage** | Adjustable (typically 0.75V to 5.0V) | | **Max Output Current** | 14 Amperes | | **Efficiency** | Up to 94% | | **Switching Frequency** | ~300 kHz | | **Form Factor** | SIP (Single In-line Package) or SMT | --- ### ### Core Electronic Sub-systems The MAH14TAD-R functions through several integrated electronic sections: 1. **PWM Controller:** The "brain" of the module that regulates the duty cycle to maintain a constant output voltage despite fluctuations in load or input. 2. **Power MOSFETs:** High-speed transistors that perform the actual switching. Their low "On-resistance" (RDS-on) is what allows the part to handle 14A without excessive heat. 3. **Inductor/Choke:** A large magnetic component integrated into the module that stores energy during the switching cycle to smooth out current. 4. **Feedback Loop:** A precision resistor network that compares the output voltage to an internal reference to ensure accuracy. --- ### ### Key Features & Protections * **Remote On/Off:** Allows the system to enable or disable the power rail electronically. * **Over-Current Protection (OCP):** Automatically shuts down or limits current if a short circuit is detected, preventing the part from burning out. * **Over-Temperature Protection (OTP):** The module includes a thermal sensor to shut down if the internal temperature exceeds safe limits (usually around 125°C). * **Output Voltage Trim:** By connecting an external resistor, users can "trim" the output to the exact voltage required by their specific integrated circuits. --- ### ### Application Considerations When designing a PCB with the MAH14TAD-R, pay attention to: * **Thermal Management:** Even at 94% efficiency, at 14A the module generates heat. Ensure adequate airflow or copper heat-sinking on the PCB. * **Capacitance:** Low-ESR (Equivalent Series Resistance) capacitors should be placed close to the input and output pins to reduce ripple and noise.
    ✨ Follow-up Questions
    • ⤷ What is the exact pinout configuration for the MAH14TAD-R?
    • ⤷ How do I calculate the trim resistor value for a 3.3V output?
    • ⤷ What are the recommended input and output capacitor values for this module?