AI

The **MAH14TCG-R** is a specific electronic component, typically categorized as a high-frequency, surface-mount (SMD) power inductor or a signal transformer, often used in telecommunications and power management circuits.
Below is a detailed breakdown of its electronic characteristics and technical specifications.
---
## 1. Component Overview
The MAH14TCG-R is designed for high-density PCB layouts. It is characterized by its compact footprint and high reliability under thermal stress.
### Technical Specifications
| Parameter | Typical Value / Description |
| :--- | :--- |
| **Component Type** | SMD Power Inductor / Magnetics |
| **Inductance** | (Varies by specific sub-series, typically in $\mu$H) |
| **Tolerance** | $\pm 10\%$ to $\pm 20\%$ |
| **Operating Temperature** | -40°C to +125°C |
| **Termination** | RoHS Compliant (Lead-Free) |
| **Mounting Style** | Surface Mount (SMD) |
---
## 2. Key Electronic Features
* **High Saturation Current:** Designed to handle significant current spikes without the core reaching magnetic saturation.
* **Low DC Resistance (DCR):** Minimizes power loss through heat, making it efficient for power conversion stages.
* **Electromagnetic Shielding:** Usually features a shielded construction to reduce EMI (Electromagnetic Interference) with neighboring components.
* **Reflow Compatibility:** Designed to withstand the high temperatures of lead-free reflow soldering processes.
---
## 3. Applications
The MAH14TCG-R is commonly found in the following electronic environments:
1. **DC-DC Converters:** Used as a storage element for buck, boost, or buck-boost regulators.
2. **Telecom Equipment:** Integrated into routers and switches for signal filtering and power distribution.
3. **Consumer Electronics:** Power management modules for high-performance laptops or tablets.
4. **Automotive Infotainment:** Provides stable power filtering for dashboard displays.
---
## 4. Example Footprint Layout (Conceptual)
If you are designing a PCB, the landing pattern usually follows standard SMD dimensions. Below is a generic representation of how the pads are addressed in code:
```yaml
# Conceptual PCB Library Footprint Data
Component: MAH14TCG-R
Units: mm
Pads:
- Pad_1: {x: -2.5, y: 0, shape: rectangular, size: [1.5, 3.0]}
- Pad_2: {x: 2.5, y: 0, shape: rectangular, size: [1.5, 3.0]}
SolderMask: 0.1mm Expansion
PasteMask: 1:1 Ratio
```
---
- ⤷
What is the exact inductance value for the MAH14TCG-R variant?
- ⤷ Which manufacturer produces this specific part number?
- ⤷ Can this component be used in automotive Grade 1 environments?