AI

The **MAH15TAA-R** is a high-performance, surface-mount (SMD) Power Inductor. It is specifically designed for high-density power supply circuits, such as DC-DC converters, where efficiency and compact size are critical.
---
## 1. Technical Specifications
The following table summarizes the primary electrical and physical characteristics of the component:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Inductance** | 1.5 µH |
| **Tolerance** | ±20% |
| **DC Resistance (DCR)** | ~13 mΩ to 18 mΩ (Max) |
| **Rated Current (Irms)** | ~5.0 A to 7.0 A |
| **Saturation Current (Isat)** | ~8.0 A to 11.0 A |
| **Operating Temperature** | -40°C to +125°C |
| **Construction** | Metal Alloy / Shielded |
| **Package Size** | Approx. 4.0 x 4.0 x 1.5 mm |
---
## 2. Internal Construction & Materials
The "MAH" series typically utilizes a **Metal Alloy Composite** core. Unlike traditional ferrite inductors, this construction offers several advantages:
* **Soft Saturation:** The inductance does not drop abruptly when the current increases; instead, it rolls off gradually, providing better stability during current spikes.
* **Magnetic Shielding:** The molded construction minimizes Electromagnetic Interference (EMI), making it suitable for noise-sensitive environments like smartphones or medical devices.
* **Low DCR:** The use of flat or thick copper wire inside the molding reduces resistance, which minimizes heat generation (Power Loss = $I^2R$).
---
## 3. Key Electronic Functions
In a circuit, the MAH15TAA-R performs three primary roles:
### A. Energy Storage
In a Buck (Step-down) or Boost (Step-up) converter, the inductor stores energy in its magnetic field during the "ON" cycle of the switching transistor and releases it during the "OFF" cycle to maintain a steady output voltage.
### B. Current Smoothing (Filtering)
It acts as a low-pass filter, smoothing out the high-frequency switching noise from the Power Management IC (PMIC) to provide clean DC power to sensitive components like CPUs or GPUs.
### C. EMI Suppression
Due to its shielded nature, it prevents the high-frequency magnetic fields generated within the coil from leaking out and affecting nearby traces or wireless antennas.
---
## 4. Typical Applications
* **Mobile Devices:** Smartphones, tablets, and wearables where space is at a premium.
* **Computing:** VRM (Voltage Regulator Modules) for laptops and SSDs.
* **Automotive:** Infotainment systems and ADAS sensors (if AEC-Q200 qualified).
* **Industrial:** Compact DC-DC point-of-load (POL) converters.
- ⤷What is the difference between metal alloy and ferrite core inductors?
- ⤷ How does saturation current impact DC-DC converter design?
- ⤷ Can you provide the footprint dimensions for the MAH15 series?