Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • MAH26TAG-R

  • AI
    The **MAH26TAG-R** is an Industrial RFID (Radio Frequency Identification) Read/Write head manufactured by **Pepperl+Fuchs**. It belongs to the **IDENTControl** family of products, specifically designed for automation and logistics environments. --- ## 🟢 1. Technical Specifications The electronic architecture of this device is built for ruggedness and high-frequency communication. Below are the core technical parameters: | Feature | Specification | | :--- | :--- | | **Operating Frequency** | 13.56 MHz (High Frequency - HF) | | **Operating Voltage** | 20 V DC to 30 V DC (via IDENTControl Interface) | | **Current Consumption** | $\leq$ 50 mA | | **Interface Type** | Proprietary Pepperl+Fuchs IDENTControl | | **Antenna Type** | Internal Coil (optimized for tag interaction) | | **Reading Distance** | 0 mm to 60 mm (depending on tag type) | --- ## 🔵 2. Key Electronic Components & Design The MAH26TAG-R is composed of several critical subsystems: ### A. The Signal Processing Unit The internal circuitry processes the analog signal received from the antenna and converts it into digital data. This unit handles: * **Modulation/Demodulation:** Encodes data to be sent to the tag and decodes incoming signals. * **Error Correction:** Ensures data integrity during high-speed transit. ### B. High-Frequency (HF) Antenna The "TAG" designation in the model name refers to its specific form factor. It contains a high-precision wire-wound coil antenna. Because it operates at **13.56 MHz**, it follows the **ISO 15693** standard, allowing it to communicate with various standard HF transponders. ### C. Connection Interface The device utilizes an **M12 x 1 connector** (typically 4-pin). Unlike standard serial or USB readers, this device is an "active head" that relies on a separate control cabinet unit (IDENTControl) to handle Fieldbus communications (like PROFINET or EtherNet/IP). --- ## 🟡 3. Physical & Environmental Construction Since electronic parts are sensitive to interference and moisture, the MAH26TAG-R features specialized housing: * **Status Indicators:** It includes a multi-color **LED** (typically Green/Yellow) to indicate power status and successful data transmission. * **Encapsulation:** The internal electronics are fully potted with epoxy resin, providing an **IP67** rating. This protects the PCB from vibration, dust, and water immersion. * **Housing Material:** Made of high-grade PBT (Polybutylene terephthalate), which is non-conductive and does not interfere with the RF field. --- ## 🔴 4. Operational Role in a System 1. **Power Input:** The device receives power through the M12 cable from the controller. 2. **Field Generation:** The electronic oscillator creates an electromagnetic field. 3. **Inductive Coupling:** When a tag enters the field, the MAH26TAG-R powers the tag via induction. 4. **Data Exchange:** The electronics modulate the field to write data to the tag or sense the tag's load modulation to read data.
    ✨ Follow-up Questions
    • ⤷ What is the compatible IDENTControl interface for this reader?
    • ⤷ How does the reading range change when using different tag sizes with the MAH26TAG-R?
    • ⤷ Can this reader be used with ISO 14443 (NFC) tags?