Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • MAH28FCG-R

  • AI
    The **MAH28FCG-R** is a high-performance mechanical-to-electrical component, specifically a **Miniature Magnetic Absolute Encoder**. These devices are used to measure the angular position of a shaft and convert it into a digital or analog signal. --- ### 1. Key Technical Specifications Below are the typical technical parameters for the MAH28 series (FCG variant): | Parameter | Specification | | :--- | :--- | | **Housing Diameter** | 28 mm | | **Technology** | Magnetic Hall Effect | | **Output Type** | Analog (0-5V / 0.5-4.5V) or Digital (PWM/SSI) | | **Resolution** | 12-bit (4096 positions per revolution) | | **Supply Voltage** | 5V DC (standard) | | **Protection Class** | IP65 or higher (dust and water resistant) | | **Life Expectancy** | Virtually infinite (non-contact) | --- ### 2. Core Electronic Components The MAH28FCG-R functions through three primary electronic stages: #### A. Magnetic Sensing Element The "heart" of the device is a **Hall-Effect Sensor IC**. As a diametrically polarized magnet rotates above the chip, the IC detects the change in the magnetic field vector. #### B. Signal Processing (ASIC/Microcontroller) The raw magnetic data is processed by an internal **ASIC (Application-Specific Integrated Circuit)**. This chip performs: * **Interpolation:** Converting magnetic sine/cosine waves into high-resolution angular data. * **Error Correction:** Filtering out noise and electrical interference. #### C. Output Interface The **"FCG"** designation often refers to the specific wiring and output configuration. * **F:** Fixed mounting or specific flange type. * **CG:** Often indicates a specific connector or cable gland exit. * The output electronics translate the internal digital position into a format a PLC or Microcontroller (like Arduino/STM32) can read. --- ### 3. Advantages of Magnetic Encoders Compared to optical encoders, the electronic design of the MAH28FCG-R offers several benefits: 1. **Non-Contact Sensing:** No mechanical wear between the sensor and the rotating shaft, leading to a much longer lifespan. 2. **Environmental Resilience:** Magnetic sensors are unaffected by dust, dirt, or oil, which would blind an optical encoder. 3. **Compact Form Factor:** The 28mm diameter allows for integration into small robotic joints or medical devices. --- ### 4. Connection Example Typical wiring for a 5V analog output version: ```yaml Pin/Wire Color | Function | Description ---------------|---------------|----------------------- Red | VCC | +5V DC Supply Black | GND | 0V Ground White | Output Signal | 0.5V to 4.5V (Analog) ```
    ✨ Follow-up Questions
    • ⤷What is the difference between an absolute and an incremental encoder?
    • ⤷ Which communication protocols are most common for magnetic encoders?
    • ⤷ How do I calibrate the zero-point on a MAH28 series encoder?