Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • MAH61FCG-R

  • AI
    The **MAH61FCG-R** is a specific model of a **Brushless DC (BLDC) Cooling Fan**, typically manufactured by companies like **Nidec** or **Delta** for use in high-density electronic environments such as servers, networking equipment, and power supplies. --- ### 1. Technical Specifications The part number follows a standard industry nomenclature for cooling components. Here are the core electronic characteristics: | Property | Typical Specification | | :--- | :--- | | **Voltage** | 12V DC (Operating range 10.8V – 13.2V) | | **Current/Power** | High-amperage (High-performance series) | | **Bearing Type** | Dual Ball Bearing (for long MTBF) | | **Termination** | 4-Wire (VCC, GND, Tachometer, PWM) | | **Material** | Thermoplastic PBT (UL94V-0 rated) | --- ### 2. Key Electronic Components & Features #### A. The Brushless DC (BLDC) Motor Unlike brushed motors, this part uses an integrated **Electronic Commutator**. * **Stator:** Contains copper windings that create magnetic fields. * **Rotor:** Contains permanent magnets. * **Hall Effect Sensor:** A small IC on the internal PCB that detects the position of the rotor to switch the current in the coils at the correct time. #### B. The 4-Wire Interface (Control Logic) The "FCG" suffix usually denotes a specific wiring and control configuration: 1. **Red (VCC):** 12V Power input. 2. **Black (GND):** Ground. 3. **Yellow/White (Tachometer/FG):** Outputs a "Frequency Generator" signal. Two pulses per revolution allow the system to monitor the actual RPM. 4. **Blue (PWM):** Pulse Width Modulation input. This allows the motherboard or controller to adjust fan speed dynamically (0-100% duty cycle) rather than just changing the voltage. #### C. Protection Circuitry The internal PCB includes several protective electronic features: * **Locked Rotor Protection:** Automatically shuts off power to the coils if the blades are obstructed to prevent the motor from burning out. * **Reverse Polarity Protection:** Prevents damage if the positive and negative wires are accidentally swapped. * **Soft Start:** Gradually ramps up current to prevent massive inrush spikes on the power supply. --- ### 3. Application in Systems Because of the **"MAH"** series designation (often implying Medium-High Airflow), this part is used where thermal management is critical: * **Server Nodes:** High static pressure to push air through dense heatsinks. * **Inverters:** Cooling high-power MOSFETs and IGBTs. * **Workstations:** Providing variable cooling based on CPU/GPU load via the PWM signal.
    ✨ Follow-up Questions
    • ⤷What is the exact RPM and CFM rating for the MAH61FCG-R?
    • ⤷ How do I wire this fan to a standard 3-pin header?
    • ⤷ What are the common failure modes for dual-ball bearing fans like this?